PART |
Description |
Maker |
FDP120AN15A0 FDD120AN15A FDD120AN15A0 FDD120AN15A0 |
Discrete Automotive N-Channel PowerTrench MOSFET, 150V, 14A, 0.120 Ohms @ VGS = 10V, TO-220 Package
|
FAIRCHILD[Fairchild Semiconductor]
|
2SJ327 2SJ327-Z 2SJ327-Z-T1 2SJ327-Z-E2 2SJ327-Z-T |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0620-4 00; No. of Positions: 6; Connector Type: Panel SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE P-channel enhancement type
|
NEC Corp. NEC[NEC]
|
2SJ211 2SJ211-T2B 2SJ211-L 2SJ211-T1B |
P-CHANNEL MOS FET FOR SWITCHING Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0621-7 00; No. of Positions: 8; Connector Type: Panel
|
NEC[NEC] NEC Corp.
|
IDT7025L55G IDT7025S IDT7025S17PFB IDT7025L17PFB I |
HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 80A, 5mOhms, TO-263AB; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel 280V N-Channel MOSFET; ; No of Pins: 3; Container: Rail 8K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 250V N-Channel MOSFET; ; No of Pins: 3; Container: Rail 8K X 16 DUAL-PORT SRAM, 25 ns, PQFP100
|
Integrated Device Techn... Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
12061C104M4T2A 12061C103K4T2A 08051C104K4T2A 0402Y |
Automotive MLCC Automotive AVX Corporation has supported the Automotive Industry requirements for Multilayer Ceramic Capacitors consistently for more than 10 years. Automotive MLCC Automotive MLCC Automotive
|
AVX Corporation
|
IXTA50N20P IXTP50N20P IXTQ50N20P |
Discrete MOSFETs: Standard N-channel Types POLARHT POWER MOSFET N-CHANNEL ENHANCEMENT MODE
|
IXYS Corporation
|
IXTK100N25P IXTQ100N25P IXTT100N25P |
Discrete MOSFETs: Standard N-channel Types PolarHT Power MOSFET N-Channel Enhancement Mode
|
IXYS Corporation
|
30BF..SERIES 30BF80 30BF10 30BF20 30BF40 30BF60 30 |
DIODE 3 A, SILICON, RECTIFIER DIODE, DO-214AB, Rectifier Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 800V 3A Ultra-Fast Discrete Diode in a SMC package 400V 3A Ultra-Fast Discrete Diode in a SMC package 600V 3A Ultra-Fast Discrete Diode in a SMC package 100V 3A Ultra-Fast Discrete Diode in a SMC package 200V 3A Ultra-Fast Discrete Diode in a SMC package
|
International Rectifier, Corp. IRF[International Rectifier] VISHAY SEMICONDUCTORS
|
HI-8422PQIF HI-8422_06 HI-8422PQI HI-8422PQT HI-84 |
16-Channel Discrete-to-Digital Interface
|
HOLTIC[Holt Integrated Circuits]
|
IRF6723M2DTR1P IRF6723M2DTR1PBF IRF6723M2DTRPBF IR |
15 A, 30 V, 0.0066 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Dual Common Drain Control MOSFETs for Multiphase DC-DC Converters Replaces Two Discrete MOSFETs
|
International Rectifier
|
IXTQ62N15P |
Discrete MOSFETs: Standard N-channel Types
|
IXYS
|