PART |
Description |
Maker |
HGT1S14N36G3VL HGT1S14N36G3VLS HGTP14N36G3VL HGT1S |
DIODE ZENER SINGLE 500mW 30Vz 4.2mA-Izt 0.05 0.1uA-Ir 23Vr DO35-GLASS 5K/REEL DIODE ZENER SINGLE 500mW 39Vz 3.2mA-Izt 0.05 0.1uA-Ir 32Vr DO35-GLASS 5K/AMMO 14A 360V N-Channel Logic Level Voltage Clamping IGBTs 14A, 360V N-CHANNEL, LOGIC LEVEL, VOLTAGE CLAMPING IGBTS 14A, 380V Logic Level, Voltage Clamped, Avalanche Energy Rated, ESD Protected IGBT 14A/ 360V N-Channel/ Logic Level/ Voltage Clamping IGBTs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
SUD25N06-45L |
N-Channel 60-V (D-S), 175C MOSFET, Logic Level N-Channel Enhancement-Mode MOSFETs, Logic Level
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
PHU78NQ03LT PHP78NQ03LT |
N-channel TrenchMOS logic level FET N-channel TrenchMOSTM logic level FET 75 A, 25 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
BUK9Y59-60E BUK9Y59-60E-15 |
N-channel 60 V, 59 mΩ logic level MOSFET in LFPAK56 N-channel TrenchMOS logic level FET
|
NXP Semiconductors
|
PMV45EN |
N-channel TrenchMOS logic level FET Logic-level compatible Very fast switching
|
TY Semiconductor Co., Ltd
|
FDB883210 FDB8832-F085 FDB8832F085 |
30V N-Channel Logic Level PowerTrenchMOSFET N-Channel Logic Level PowerTrench? MOSFET 30V, 80A, 2.1mΩ
|
Fairchild Semiconductor
|
FDC655BN |
Single N-Channel, Logic Level, PowerTrench MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
SI4425DY |
Single P-Channel/ Logic Level/ PowerTrenchTM MOSFET Single P-Channel, Logic Level, PowerTrenchTM MOSFET
|
Fairchild Semiconductor
|
SI3455DV |
Single P-Channel Logic Level PowerTrench MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FDS6612A |
Single N-Channel, Logic Level, PowerTrench TM MOSFET
|
Fairchild Semiconductor
|
|