PART |
Description |
Maker |
SB07-03N |
30V/ 700mA Rectifier 30V 700mA Rectifier Schottky Barrier Diode 30V, 700mA Rectifier
|
Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
SB07-03C-07 |
30V, 700mA Rectifier
|
Sanyo Semicon Device
|
SB07W03P |
Schottky Barrier Diode (Twin Type Cathode Common) 30V, 700mA Rectifier
|
Sanyo Semicon Device Sanyo Semiconductor
|
2SC1008Y 2SC1730O 2SC1008G 2SC17300Y |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 700MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | TO-92 晶体管|晶体管|叩| 15V的五(巴西)总裁|2 plastic package transistors 塑料封装晶体 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
NEC, Corp. Microsemi, Corp.
|
SB10-015P |
Schottky Barrier Diode 15V, 1A Rectifier
|
Sanyo Semicon Device
|
SB10-015C |
Schottky Barrier Diode 15V, 1A Rectifier
|
Sanyo Semicon Device
|
HI1-5040-2 HI1-5040-5 HI1-5040-7 HI1-5040_883 HI3- |
15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
|
Harris Corporation
|
SBS817 |
Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
|
Sanyo Semicon Device
|
125NQ015 125NQ015R 125NQ015PBF |
120 A, 15 V, SILICON, RECTIFIER DIODE 15V 120A Schottky DISCR. (R) Diode in a D-67 HALF-Pak package 15V 120A Schottky Discrete Diode in a D-67 HALF-Pak package
|
International Rectifier
|
95HQ015 |
15V 95A Schottky Discrete Diode in a DO-203AB (DO-5) package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
80CPTN015 |
15V 80A Schottky Discrete Diode in a TO-247AC package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|