PART |
Description |
Maker |
F801 F880 F880-PC F880-PS F880-CA ELECTRONICTHEATR |
8-segment redundant fieldbus power system for use with Yokogawa CENTUM 3000 R3 Control System 8段冗余与横河百仁3000 R3采用现场总线控制系统的电力系
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
2316052 |
Device coupler for Foundation Fieldbus and PROFIBUS PA with terminal connections for two spurs connected to fieldbus end devices
|
PHOENIX CONTACT
|
HFBR-1505A HFBR-1505C HFBR-1515B HFBR-2505A HFBR-2 |
Fiber Optic Transmitters for Fieldbus Applications(现场总线应用的光纤传送器) Fiber Optic Receivers for Fieldbus Applications(现场总线应用的光纤接收器)
|
Agilent(Hewlett-Packard)
|
2316050 |
Trunk module for Foundation Fieldbus and PROFIBUS PA modular device couplers with terminator
|
PHOENIX CONTACT
|
2316034 |
The fieldbus terminator plug is pre-installed in the trunk out connection of device couplers.
|
PHOENIX CONTACT
|
BL-SE1600A BL-SE1600A-11D-XX |
406.4mm (16.0) numeric segment series, BIG SEGMENT DISPLAY
|
BetLux Electronics
|
BL-SE500A-11G-XX BL-SE500A-11D-XX BL-SE500A-11UR-X |
127.0mm (5.0) numeric segment series, BIG SEGMENT DISPLAY
|
BetLux Electronics
|
NA-551 |
Supports power redundant
|
Axiomtek Co., Ltd.
|
HDSP-BXXX HDSP-B01E-LL000 HDSP-B01E-LM000 HDSP-B01 |
HDSP-B04E · 18:88 and 88:88 0.56" Four Digit GaP HER Seven Segment Display HDSP-B03E · 18:88 and 88:88 0.56" Four Digit GaP HER Seven Segment Display HDSP-B02E · 18:88 and 88:88 0.56" Four Digit GaP HER Seven Segment Display HDSP-B01E · 18:88 and 88:88 0.56" Four Digit GaP HER Seven Segment Display 18:88 and 88:88 0.56 Four Digit GaP HER Seven Segment Display From old datasheet system
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
GFR1K5PS56 GFR1K5PS24 |
1U BlindMate, Hotswap, Redundant
|
XP Power Limited
|
BU9795AKV-E2 BU9728AKV08 |
For 128-140 Segment type LCD LCD Segment Driver
|
Rohm
|