PART |
Description |
Maker |
2SD2583 |
AUDIO FREQUENCY AMPLIFIER, SWITCHING NOPN SILICON EPITAXIAL TRANSISTORS From old datasheet system TRANSISTOR,BJT,NPN,30V V(BR)CEO,5A I(C),TO-126 AUDIO FREQUENCY AMPLIFIER/ SWITCHING NOPN SILICON EPITAXIAL TRANSISTORS
|
http:// NEC[NEC]
|
MAX9711 MAX9710 MAX9710-MAX9711 MAX9711ETC MAX9710 |
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown 3 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC20 Synchronous 8-Bit Up/Down Counters 24-CDIP -55 to 125 3 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC20 Mono 3W Audio BTL Amplifier Stereo 3W Audio BTL Amplifier From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
UTCTDA2030 |
Single Audio Amplifier Description = 14W Hi-fi Audio Power Amplifier ;; Package = TO-220B, TO-220-5 ;; 14W HI-FI AUDIO AMPLIFIER
|
友顺科技股份有限公司 Unisonic Technologies UTC
|
AT49LV040- AT49LV040-15JI AT49LV040-15TI AT49LV040 |
LM4906 Boomer ® Audio Power Amplifier Series 1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain; Package: MINI SOIC LM45 SOT-23 Precision Centigrade Temperature Sensors; Package: SOT-23; No of Pins: 3 LM4908 Boomer ® Audio Power Amplifier Series 10kV ESD Rated, Dual 120 mW Headphone Amplifier; Package: SOIC NARROW; No of Pins: 8 LM4670 Boomer ® Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 LM4668 Boomer ® Audio Power Amplifier Series 10W High-Efficiency Mono BTL Audio Power Amplifier; Package: LLP; No of Pins: 14 LM4668 Boomer ® Audio Power Amplifier Series 10W High-Efficiency Mono BTL Audio Power Amplifier; Package: TSSOP EXP PAD; No of Pins: 20 LM4665 Boomer ® Audio Power Amplifier Series Filterless High Efficiency 1W Switching Audio Amplifier; Package: MINI SOIC; No of Pins: 10 LM4911 Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output; Package: MINI SOIC; No of Pins: 10 LM4914 Boomer ® Audio Power Amplifier Series 1W Monaural, 85mW Stereo Headphone Audio Amplifier; Package: TSSOP EXP PAD; No of Pins: 10 LM4905 Boomer ® Audio Power Amplifier Series 1 Watt Audio Power Amplifier; Package: LLP; No of Pins: 8 LM4667 Boomer ® Audio Power Amplifier Series Filterless High Efficiency 1.3W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 LM4906 Boomer ® Audio Power Amplifier Series 1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain; Package: LLP; No of Pins: 10 LM4562 Dual High Performance, High Fidelity Audio Operational Amplifier; Package: TO-99; No of Pins: 8 LM49120 Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier; Package: MICRO SMD; No of Pins: 16 LM4913 2W Monaural, 90mW Stereo Headphone Audio Amplifier; Package: TSSOP EXP PAD; No of Pins: 10 4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory 512K X 8 FLASH 3V PROM, 150 ns, PBGA42 LM4666 Boomer ® Audio Power Amplifier Series Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier; Package: LLP; No of Pins: 14 512K X 8 FLASH 3V PROM, 150 ns, PBGA42 4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory 512K X 8 FLASH 2.7V PROM, 200 ns, PQCC32 4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory 512K X 8 FLASH 2.7V PROM, 150 ns, PQCC32 4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory 512K X 8 FLASH 2.7V PROM, 150 ns, PDSO32 LM4906 Boomer ® Audio Power Amplifier Series 1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain; Package: MINI SOIC; No of Pins: 8 512K X 8 FLASH 3V PROM, 150 ns, PDSO32 LM4905 Boomer ® Audio Power Amplifier Series 1 Watt Audio Power Amplifier; Package: MINI SOIC; No of Pins: 8 512K X 8 FLASH 3V PROM, 150 ns, PQCC32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
MAX98309EWL MAX98310EWL MAX9705AEUB |
Mono 1.4W Class AB Audio Amplifiers 2.5V to 5.5V Supply Operation 2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier 2.3 W, 1 CHANNEL, AUDIO AMPLIFIER, PDSO10
|
Maxim Integrated Products, Inc.
|
EVAL-AD1990EB AD1990 AD1990_06 AD1990ACPZ AD1990AC |
Audio Switching Amplifier
|
AD[Analog Devices]
|
M4670G-K08-3030-R M4670L-K08-3030-R |
FITERLESS HIGH EFFICIENCY 3W SWITCHING AUDIO AMPLIFIER
|
Unisonic Technologies
|
TDA8547 TDA8547T |
2 x 1 W BTL audio amplifier with output channel switching
|
PHILIPS[Philips Semiconductors]
|
2SC2458 E000718 2SC2458L |
TRANSISTOR (AUDIO, LOW NOISE AUDIO AMPLIFIER APPLICATIONS) 晶体管(音频,低噪声音频放大器应用) TRANSISTOR (AUDIO/ LOW NOISE AUDIO AMPLIFIER APPLICATIONS) From old datasheet system AUDIO AMPLIFIER APPLICATIONS LOW NOISE AUDIO AMPLIFIER APPLICATIONS
|
Toshiba, Corp. Toshiba Semiconductor
|
2SD809 |
Audio Frequency Power Amplifier / Low Speed Switching
|
ETC
|