PART |
Description |
Maker |
PIC18F4580-I_ML PIC18F4580-I_P PIC18F4580-I_PT PIC |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
|
Microchip Technology
|
PIC18F4580 PIC18F2580 PIC18F2480 18F258 PIC18F2580 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology 10-Bit A/D and nanoWatt Technology (PIC18F2480 / 2580 / 4480 / 4580) Enhanced Flash Microcontrollers Microcontroller - Datasheet Reference
|
MICROCHIP[Microchip Technology] Microchip Technology Inc
|
SIGC81T60SNC |
IGBT Chip in NPT-technology 600V NPT technology positive temperature coefficient
|
Infineon Technologies AG
|
PIC18F44800TI_SOQTP PIC18F44800TE_SOSQTP PIC18F448 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器与ECAN技术,10A / D和纳瓦技 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器与ECAN技术,10位A / D和纳瓦技 DEM9PB
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
IRF7328PBF IRF7328PBF10 IRF7328TRPBF IRF7328PBF-15 |
Trench Technology Trench Technology Ultra Low On-Resistance
|
International Rectifier
|
PIC18F4680 PIC18F4585 PIC18LF4680-I301 PIC18LF4680 |
Enhanced Flash Microcontrollers with ECAN? Technology, 10-Bit A/D and nanoWatt Technology Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
|
MICROCHIP[Microchip Technology]
|
ATSAM4LC2C ATSAM4LC4C |
Cortex-M4 microcontroller with 128KB Flash, picoPower technology, LCD, hardware cryptography, USB host and device, QTouch technology,100 pins Cortex-M4 microcontroller with 256KB Flash, picoPower technology, LCD, hardware cryptography, USB host and device, QTouch technology,100 pins
|
Atmel, Corp.
|
FT230X FT230XS-XXXX FT230XQ-XXXX DSFT230X FT230XQ- |
USB to serial UART interface with optimised pin count for smaller PCB designs Future Technology Devices International Ltd Future Technology Devices International Ltd. (USB to BASIC UART IC)
|
Future Technology Devices International Ltd. List of Unclassifed Manufacturers List of Unclassifed Manufac... Future Technology Devices I...
|
TC642 TC642DEMO TC642EV TC642COA TC642VOA TC642VUA |
The TC642 is a switch mode fan speed controller for use with brushless DC motors. Temperature proportional speed control is accomplished using pulse width modulation. A thermistor (or other voltage output temperature sensor) connected to t PWM Fan Speed Controller with FanSense Technology PWM Fan Speed Controller with FanSense⑩ Technology
|
MICROCHIP[Microchip Technology]
|
SGW20N60 Q67040-S4236 Q67041-A4712-A2 Q67041-A4712 |
Fast S-IGBT in NPT-technology Fast S-IGBT in NPT-technology 快速的S -不扩散核武器条约IGBT的技 Fast S-IGBT in NPT-technology( NPT ???涓??蹇??S-IGBT)
|
Infineon Technologies A... INFINEON[Infineon Technologies AG] SIEMENS A G
|
KGL4203 |
10-Gbps EXOR/NOR IC 0.2μm Gate Length GaAs MESFET Technology 10-Gbps EXOR/NOR IC 0.2レm Gate Length GaAs MESFET Technology 10-Gbps EXOR/NOR IC 0.2m Gate Length GaAs MESFET Technology
|
OKI[OKI electronic componets] OKI electronic components
|
V23100S2234A840 V23100S0302A303 V23100S2034A840 V2 |
FPGA IGLOOe Family 3M Gates 892.86MHz Commercial 130nm (CMOS) Technology 1.5V 484-Pin FBGA FPGA IGLOOe Family 3M Gates Commercial 130nm (CMOS) Technology 1.5V 484-Pin FBGA FPGA IGLOOe Family 3M Gates 892.86MHz Industrial 130nm (CMOS) Technology 1.5V 484-Pin FBGA FPGA IGLOOe Family 3M Gates Commercial 130nm (CMOS) Technology 1.5V 896-Pin FBGA FPGA IGLOOe Family 3M Gates 892.86MHz Industrial 130nm (CMOS) Technology 1.5V 896-Pin FBGA FPGA ProASIC®3 Family 1M Gates 272MHz Industrial 130nm (CMOS) Technology 1.5V 256-Pin FBGA FPGA ProASIC®3 Family 1M Gates 272MHz Industrial 130nm (CMOS) Technology 1.5V 484-Pin FBGA
|
Cypress Semiconductor, Corp. EPCOS AG
|