PART |
Description |
Maker |
EN12 EN12-VS10AF20 EN12-VS11AF20 EN12-VS12AF20 EN1 |
12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
|
BI Technologies Corporation
|
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
PEC12-4220F-S0024 PEC12-2220F-S0024 PEC12-4020F-S0 |
ENCODER SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT, COMPACT PACKAGE-3
|
Bourns, Inc. BOURNS INC
|
PEC11 PEC11-4115F-S0012 PEC11-4120F-N0024 PEC11-41 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 12 mm Incremental Encoder
|
BOURNS INC Bourns Electronic Solutions
|
3315C-015-006L 3315R-105-016L 3315P-105-006 3315P- |
9 mm Square Sealed Incremental Encoder SINGLE, 3 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Bourns, Inc. BOURNS INC
|
OPE1275H-256 OPE2275H-256 |
SINGLE, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE-4 Incremental Hollow Shaft Encoder
|
TT electronics OPTEK Technology TT Electronics.
|
282TCBS103A25B1 282TCBS103A26B1 282T33L502A26C2 |
Industrial 16mm Size Conductive Plastic Precision Rotary Sensor
|
CTS Corporation
|
62A11-02-040CH 62A15-02-P 62A01-01-PT |
1/2" Package Optical Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc. GRAYHILL INC
|
ISC3806 |
Rotary Encoder
|
Scantech
|
62A1-1-40C 62A22-1-40C 62A2-1-40C 62A18-1-40C 62A1 |
ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
NSC-02-2M-12-125 NSC-05-2MD-05-125 NSC-025-2M-12-1 |
ROTARY OPTICAL POSITION ENCODER
|
|