PART |
Description |
Maker |
EMTCG256-3G |
256KB Flash Smart Card IC Crypto
|
EM Microelectronic
|
EMTG96-3G EMTG96 |
96kB FLASH Memory Smart Card IC
|
EMMICRO[EM Microelectronic - MARIN SA]
|
IMC008FLSP |
8 MegaBaytes Series 2 Flash Memory Card(8M字节闪速存储器 4M X 16 FLASH 12V PROM CARD, 250 ns, XMA68
|
Intel, Corp.
|
DS8007-ENG DS800711 |
Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
|
Maxim Integrated Products
|
T83C5121 T85C5121 T89C5121 |
C51 Microcontroller with Serial Interface and Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 16K bytes ROM. C51 Microcontroller with Serial Interface and Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 16K bytes Code RAM. C51 Microcontroller with Serial Interface and Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 16K bytes Flash RAM.
|
Atmel
|
M28R400CT100D16 M28R400CT-KGD M28R400CB100D16 M28R |
Known Good Die 4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory 已知良品裸片4兆位56Kb的x16插槽,引导块.8V电源快闪记忆 KNOWN GOOD DIE 4 MBIT (256KB X16) 1.8V SUPPLY FLASH MEMORY
|
STMicroelectronics N.V. http:// ST Microelectronics
|
M28R400C-ZBT M28R400CTB120ZB1T M28R400CTB120ZB6T M |
4 Mbit (256Kb x16/ Boot Block) 1.8V Supply Flash Memory 4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory 4兆位56Kb的x16插槽,引导块.8V电源快闪记忆
|
ST Microelectronics 意法半导 STMicroelectronics N.V. SGS Thomson Microelectronics
|
NCN6804 |
Dual Smart Card Interface with SPI Programming Interface Dual Smart Card Interface IC
|
ON Semiconductor
|
7P096ATA4504C25 7P064ATA4504C25 7P128ATA4504C25 7P |
48M X 16 FLASH 3V PROM CARD, 250 ns, XMA68 32M X 16 FLASH 3V PROM CARD, 250 ns, XMA68 64M X 16 FLASH 3V PROM CARD, 250 ns, XMA68 16M X 16 FLASH 3V PROM CARD, 250 ns, XMA68
|
MICROSEMI CORP-PMG MICROELECTRONICS WHITE ELECTRONIC DESIGNS CORP
|
M50FW002 8499 M50FW002K5T M50FW002K M50FW002K1 M50 |
2 MBIT (256KB X8, BOOT BLOCK) 3V SUPPLY FIRMWARE HUB FLASH MEMORY 2 MBIT (256KB X8, BOOT BLOCK) 3V SUPPLY FIRMWARE HUB FLASH MEMORY From old datasheet system 2 MBIT 256KB X8, BOOT BLOCK 3V SUPPLY FIRMWARE HUB FLASH MEMORY
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STM32F372XX STM32F373CC STM32F373RB STM32F373R8 ST |
ARM Cortex-M4F 32b MCU FPU, up to 256KB Flash 32KB SRAM timers ARM Cortex-M4F 32b MCU FPU, up to 256KB Flash 32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
|
STMicroelectronics
|
E28F004S5-85 E28F004S5-120 28F016S5 28F008S5 E28F0 |
BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4/ 8/ AND 16 MBIT BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4 / 8 / AND 16 MBIT 12V/5V Input Buck PWM Controller Evaluation Kit/Evaluation System for the MAX5946A, MAX5946L BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 1M X 8 FLASH 5V PROM, 85 ns, PDSO44 BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 5V PROM, 100 ns, PDSO44 BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 1M X 8 FLASH 5V PROM, 100 ns, PDSO44 BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 5V PROM, 120 ns, PDSO44
|
Intel Corporation Intel Corp. Intel, Corp.
|