PART |
Description |
Maker |
EMC104307 EMC1043-4-ACZL-TR EMC1043-5-ACZL-TR EMC1 |
1C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, SQUARE, SURFACE MOUNT 1C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones 集成电路三温度传感器Beta补偿和双区域Hotter
|
SMSC Corporation SMSC, Corp. STANDARD MICROSYSTEMS CORP
|
TK11034 TK11034M TK11034MTL TK11034MTL_34C TK11034 |
TEMPERATURE SENSOR IC ANALOG TEMP SENSOR-VOLTAGE, 1.57-1.65V, RECTANGULAR, SURFACE MOUNT TEMPERATURE SENSOR IC 温度传感器IC
|
TOKO, Inc. TOKO Inc. TOKO[TOKO, Inc]
|
EMC1053-ACZL-TR EMC105307 EVB-EMC1053 FDMA1028NZ E |
1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
|
SMSC[SMSC Corporation]
|
RTD P0805-43-100R-G P0805-43-100R-D P0805-43-100R- |
Platinum Temperature Sensor RTD TEMP SENSOR-PLATINUM, 100ohm, RECTANGULAR, SURFACE MOUNT Platinum Temperature Sensor 白金温度传感
|
TT Electronics / Welwyn Welwyn Components, Ltd.
|
TMP06BKS-500RL7 TMP05BKS-500RL7 TMP05ART-REEL7 TMP |
±0.5°C Accurate PWM Temperature Sensor in 5-Lead SC-70 TV 22C 22#22D PIN PLUG 0.5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2Cel, RECTANGULAR, SURFACE MOUNT .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 1Cel, RECTANGULAR, SURFACE MOUNT TV 22C 22#22D SKT PLUG DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2Cel, RECTANGULAR, SURFACE MOUNT .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5ΣC高精度PWM温度传感器在5引脚SC - 70 ??.5?? Accurate PWM Temperature Sensor in 5-Lead SC-70
|
Analog Devices, Inc. ANALOG DEVICES INC
|
TC1046VNB TC1046 TC1046VNBTR |
High Precision Temperature-to-Voltage Converter The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 ... The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 can accurately measure temperature from -40C to 125C. The output voltage range for this device is typically
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
TMP36GT9Z TMP37FS-REEL TMP35FS-REEL TMP37GRTZ-REEL |
Voltage Output Temperature Sensors; Package: TO-92; No of Pins: 3; Temperature Range: Industrial ANALOG TEMP SENSOR-VOLTAGE, 0.1-2V, 4Cel, RECTANGULAR, THROUGH HOLE MOUNT Low Voltage Temperature Sensor Vo=500; Package: SOIC; No of Pins: 8; Temperature Range: Industrial ANALOG TEMP SENSOR-VOLTAGE, 0.1-2V, 4Cel, RECTANGULAR, SURFACE MOUNT
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7314 7314 AD7314ARM |
Complete Temperature Monitoring System in an 8-Pin SOIC Package Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead SOIC Low-Voltage 10-Bit Digital Temperature Sensor in 8-Lead uSOIC Low-Voltage/ 10-Bit Digital Temperature Sensor in 8-Lead uSOIC Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
|
AD[Analog Devices]
|
EMC1204-ACZL-TR EMC1203 EMC1203-ACZL-TR EMC1204 |
Triple/Quad Single-Wire Temp Sensor in MSOP-8 Using SMSC BudgetBus Sensor Interface
|
SMSC Corporation
|
AD7414-REEL7 AD7415ART-0500RL7 |
SMBus/I2C Digital Temperature Sensor in 6-Pin SOT with SMBus Alert and Over Temperature Pin Digital Output Temperature Sensor
|
Analog Devices
|
NCP03XH22305RL NCP15XQ47103RC NCP18WF104J03RB NCP0 |
NTC Thermistors for Temp. Sensor and Compensation Chip Type Temperature Sensor and Compensation 0603 (1608) Size NTC Thermistor for Temperature Sensor Thermo String Type NTC Thermistors
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L... Murata Manufacturing Co...
|