PART |
Description |
Maker |
EL7535_06 EL7535 EL7535IY EL7535IY-T13 EL7535IY-T7 |
Monolithic 350mA Step-Down Regulator
|
INTERSIL[Intersil Corporation]
|
LT3970EMS-3.3-PBF LT3970EMS-3.3-TRPBF LT3970EMS-5- |
40V, 350mA Step-Down Regulator with 2.5楼矛A Quiescent Current and Integrated Diodes 40V, 350mA Step-Down Regulator with 2.5μA Quiescent Current and Integrated Diodes 40V, 350mA Step-Down Regulator with 2.5µA Quiescent Current and Integrated Diodes, 10-Lead Plastic MSOP, Temp E –40°C to 125°C 0.865 A SWITCHING REGULATOR, 2640 kHz SWITCHING FREQ-MAX, PDSO10 40V, 350mA Step-Down Regulator with 2.5µA Quiescent Current and Integrated Diodes, 10-Lead (3mm × 2mm) Plastic DFN, Temp I –40°C to 125°C 0.865 A SWITCHING REGULATOR, 2640 kHz SWITCHING FREQ-MAX, PDSO10
|
http:// Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC8606 |
42V, 350mA Synchronous Step-Down Regulator with 2.5μA Quiescent Current
|
Linear Technology
|
KB3408B-3.3 KB3408B-1.8 KB3408-ADJ |
1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
|
Kingbor Technology Co
|
AP8800 AP8800FNG-7 AP8800M8G-13 AP8800SG-13 |
350mA LED Step-Down Converter
|
Diodes Incorporated http://
|
LT1767 LT1767-1.8 LT1767-2.5 LT1767-3.3 LT1767-5 L |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 SWITCH ROLLER LEVER Monolithic 1.5A/ 1.25MHz Step-Down Switching Regulators Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
EL7566_06 EL7566 EL7566AIREZ EL7566AIREZ-T13 EL756 |
Monolithic 6A DC/DC Step-Down Regulator
|
INTERSIL[Intersil Corporation]
|
EL7554IREZ-T13 EL755406 EL7554IREZ-T7 EL7554 EL755 |
Monolithic 4 Amp DC-DC Step-Down Regulator
|
INTERSIL[Intersil Corporation]
|
R2A20101NP |
Monolithic Synchronous Step-Down DC/DC Converter
|
Renesas Technology
|
EL7534IY EL7534IY-T7 EL7534IYZ-T13 EL7534IYZ-T7 EL |
Monolithic 600mA Step-Down Regulator
|
INTERSIL[Intersil Corporation]
|
LED2000 |
3A monolithic step-down current source
|
STMicroelectronics
|
ST1S10 |
monolithic synchronous step-down regulator
|
STMicroelectronics
|