PART |
Description |
Maker |
AS7C4096A AS7C4096A-20TIN AS7C4096A-10JC AS7C4096A |
SRAM - 5V Fast Asynchronous 5.0V 512K x 8 CMOS SRAM 512K X 8 STANDARD SRAM, 10 ns, PDSO36 High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-PDIP -55 to 125 512K X 8 STANDARD SRAM, 12 ns, PDSO44 High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-SOIC -55 to 125 512K X 8 STANDARD SRAM, 12 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
HY62LF16804A-I HY62LF16804A-C HY62LF16804A HY62LF1 |
512K X 16 STANDARD SRAM, 85 ns, PBGA48 High speed, super low power and 8M bit full CMOS SRAM organized as 524,288 words by 16bits 512Kx16bit full CMOS SRAM
|
HYNIX SEMICONDUCTOR INC Nel Frequency Controls,inc
|
LY615128ML LY615128MV LY615128UL LY615128UV |
5V 512K X 8 BIT HIGH SPEED CMOS SRAM
|
Lyontek Inc.
|
LY61L5128 LY61L5128GV LY61L5128I LY61L5128LV LY61L |
512K X 8 BIT HIGH SPEED CMOS SRAM
|
Lyontek Inc.
|
HY62SF16804A-I HY62SF16804A-C HY62SF16804A-SM10I |
512K X 16 STANDARD SRAM, 100 ns, PBGA48 High speed, super low power and 8M bit full CMOS SRAM organized as 524,288 words by 16bits
|
HYNIX SEMICONDUCTOR INC
|
BH62UV4000HIG55 BH62UV4000STI55 BH62UV4000DIG55 BH |
Ultra Low Power/High Speed CMOS SRAM 512K X 8 bit
|
Brilliance Semiconductor
|
AS5C512K8ECJ-35/H AS5C512K8ECJ-17L/H AS5C512K8ECJ- |
512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT 12k × 8的SRAM高速SRAM和革命引脚排 LED, GRN SMT, 1206 µP-Compatible 14-Bit CMOS DAC; Package: PLCC; No of Pins: 20; Temperature Range: Commercial Circular Connector; No. of Contacts:37; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Pin; Circular Shell Style:Right Angle Plug; Insert Arrangement:28-21 RoHS Compliant: No CAT5 STP BACKBONE CABLE STRAIGHT PIN, PLN-GRAY 512K x 8 SRAM - high speed with revolutionary pinout
|
Electronic Theatre Controls, Inc. Austin Semiconductor http://
|
AS5LC512K8DJ-12L/IT AS5LC512K8F-12L/IT AS5LC512K8E |
512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
|
Austin Semiconductor, Inc
|
AS5LC512K8DJ-12L_883C AS5LC512K8DJ-12L_IT AS5LC512 |
512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
|
Austin Semiconductor
|
AS7C1026B AS7C1026B-20TIN AS7C1026B-10JC AS7C1026B |
High Speed CMOS Logic Triple 3-Input AND Gates 14-SOIC -55 to 125 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5 V 64K X 16 CMOS SRAM 54K的16 CMOS SRAM 5 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 5 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44 High Speed CMOS Logic Dual Positive-Edge-Triggered J-K Flip-Flops with Set and Reset 16-PDIP -55 to 125 High Speed CMOS Logic Triple 3-Input AND Gates 14-PDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge-Triggered J-K Flip-Flops with Set and Reset 16-SOIC -55 to 125 SRAM - 5V Fast Asynchronous
|
Analog Devices, Inc. Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C1024B AS7C1024BV1.2 AS7C1024B-20TJIN AS7C1024B |
From old datasheet system SRAM - 5V Fast Asynchronous High Speed CMOS Logic Hex Inverters 14-SOIC -55 to 125 High Speed CMOS Logic Quad 2-Input NAND Gates with Open Drain 14-PDIP -55 to 125 High Speed CMOS Logic Quad 2-Input NOR Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NAND Gates with Open Drain 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NOR Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 12 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NOR Gates 14-PDIP -55 to 125
|
ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
MX26LV800ABXBC-55G MX26LV800ABXBC-70G MX26LV800ATX |
8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 512K X 16 FLASH 3V PROM, 55 ns, PDSO48 8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 512K X 16 FLASH 3V PROM, 55 ns, PBGA48
|
Macronix International Co., Ltd. http://
|