PART |
Description |
Maker |
2N5330 SDT99703 2N4211 2N5616 SDT8302 2N5625 SDT16 |
30 A, 90 V, NPN, Si, POWER TRANSISTOR 300 V, NPN, Si, POWER TRANSISTOR 20 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-63 5 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-3 30 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-63 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-3 5 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-66 5 A, 40 V, NPN, Si, POWER TRANSISTOR, TO-66 5 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-66 20 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-63 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-61 10 A, 200 V, NPN, Si, POWER TRANSISTOR, TO-3
|
SOLITRON DEVICES INC
|
IPB80N04S2-04 IPI80N04S2-04 SP0002-18154 SP0002-19 |
80 A, 40 V, 0.0037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB GREEN, PLASTIC, TO-220, 3 PIN OptiMOS? Power-Transistor OptiMOS㈢ Power-Transistor OptiMOSPower-Transistor
|
INFINEON[Infineon Technologies AG]
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
IPI100N06S3L-03 IPB100N06S3L-03 IPP100N06S3L-03 SP |
OptiMOST Power-Transistor OPTIMOS⑶-T POWER-TRANSISTOR OptiMOS㈢-T Power-Transistor OptiMOS?-T Power-Transistor
|
Infineon Technologies AG
|
IPI25N06S3-25 IPB25N06S3-25 SP0000-88000 SP0000-88 |
OptiMOS?-T Power-Transistor OPTIMOS⑶-T POWER-TRANSISTOR OptiMOS㈢-T Power-Transistor OptiMOST Power-Transistor
|
INFINEON[Infineon Technologies AG]
|
IPB80N06S3L-06 IPI80N06S3L-06 IPP80N06S3L-06 SP000 |
OptiMOST Power-Transistor ㈢的OptiMOS - T的功率晶体管 OptiMOS㈢-T Power-Transistor OptiMOS?-T Power-Transistor
|
Infineon Technologies AG
|
2SB1370 2SB1565 2SB1565F 2SB1655 |
Power Transistor (-60V/ -3A) Power Transistor (-60V, -3A) Power Transistor (-60V -3A) Power Transistor(-60V, -3A) 3-Pin, Ultra-Low-Voltage, Low-Power µP Reset Circuits
|
ROHM[Rohm]
|
SPP21N50C3 SPI21N50C3 SPB21N50C3 SPA21N50C3 |
Cool MOS?/a> Power Transistor Cool MOS??Power Transistor Cool MOS Power Transistor Cool MOS⑩ Power Transistor for lowest Conduction Losses & fastest Switching
|
INFINEON[Infineon Technologies AG]
|
2SB1555B 2SB1555 |
TRANSISTOR SILICON PNP EPITAXIAL TYPE (DARLINGTON POWER TRANSISTOR) POWER AMPLIFIER APPLICATIONS 3-Pin, Ultra-Low-Power SC70/SOT µP Reset Circuits
|
TOSHIBA
|
UPA1476 UPA1476H |
2 A, 115 V, 4 CHANNEL, NPN, Si, POWER TRANSISTOR NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
|
NEC Corp. NEC[NEC]
|
MP4305 |
Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching. TOSHIBA Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1)
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
BUZ101 C67078-S1350-A2 BUZ101E3045 BUZ101STS |
N-Channel SIPMOS Power Transistor SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance) 29 A, 50 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 SIPMOS ? Power Transistor From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group] http://
|
|