PART |
Description |
Maker |
E27-25-M-T-T-B-D-1 E27 E27-09-F-A-N-B-A-1 E27-09-F |
D-SUM PCB RIGHT ANGLE (SMT) FOR NOTEBOOK
|
DB Lectro Inc. DBLECTRO[DB Lectro Inc]
|
E14-37-M-Z-D-A-1 E14 E14-09-F-N-A-A-1 E14-09-F-N-B |
D-SUM CRIMP HOUSING
|
DB Lectro Inc. DBLECTRO[DB Lectro Inc]
|
E17 E17-25-M-T-T-D-A-1 E17-09-F-A-N-A-A-1 E17-09-F |
D-SUM IDCB FOR ROUND CABLE
|
DBLECTRO[DB Lectro Inc]
|
MAX8631XETI |
1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
|
MAXIM INTEGRATED PRODUCTS INC
|
MAX8631YETI MAX8631XETI MAX8631X |
1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
|
Maxim Integrated Products
|
MAX97236 MAX97236EWA |
Audio Amplifier with Jack Detection 25-Bump, 2.4mm x 2.3mm, 0.4mm Pitch WLP
|
Maxim Integrated Products
|
PE7089-3 |
3 dB Fixed Attenuator, 2.4mm Male To 2.4mm Female Stainless Steel Body Rated To 1 Watt Up To 50 GHz
|
Pasternack Enterprises, Inc.
|
PE7089-20 |
20 dB Fixed Attenuator, 2.4mm Male To 2.4mm Female Stainless Steel Body Rated To 1 Watt Up To 50 GHz
|
Pasternack Enterprises, Inc.
|
DC0000083 |
Federleiste 4mm THR, 50 polig Female 4mm THR, 50 contacts
|
ERNI Electronics
|
HLMP-BL01 HLMP-AL11 HLMP-BD16-PSTYY HLMP-BM01 HLMP |
T-1 3/4 (5mm) Oval Precision<BR>Optical Preformance LED Lamps T-1 3/4 (5mm) Oval Precision Optical Performance LED Lamps T-1 3/4 (5mm) Oval PrecisionBR>Optical Preformance LED Lamps 的T 1 3 / 4mm)的椭圆形精密\u0026lt;BR\u0026gt;光学Preformance LED灯具 FPC connectors, 0.5mm contact spacing, 2.55mm of mounting height on PCB, Flip-lock ZIF; HRS No: 586-1856-4 05; Contact Mating Area Plating: Gold 的T 1 3 / 4mm)的椭圆形精密\u0026lt;BR\u0026gt;光学Preformance LED灯具
|
Electronic Theatre Controls, Inc. ITT, Corp.
|
1418E-3-12 1418E-113-12 1418G-00-12 1411B-5-12 141 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, ZINC FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL
|
Ecliptek, Corp. Cinch Connectors WINCHESTER ELECTRONICS CORP
|