PART |
Description |
Maker |
DRA8G-RC DTN12E-RA DTN12G-YB |
12.56 A, SCR, TO-220 TO-220, 3 PIN 400 V, 12 A, TRIAC, TO-220 600 V, 12 A, TRIAC, TO-220
|
Allied Components International
|
Q6040M9 Q7040M9 Q4040M9 Q2040M9 Q8040M9 Q5040M9 Q2 |
TRIAC|600V V(DRM)|40A I(T)RMS|TO-218 TRIAC|700V V(DRM)|40A I(T)RMS|TO-218 TRIAC|800V V(DRM)|40A I(T)RMS|TO-218 TRIAC|500V V(DRM)|40A I(T)RMS|TO-218 TRIAC|200V V(DRM)|40A I(T)RMS|TO-218VAR TRIAC|400V V(DRM)|40A I(T)RMS|TO-218VAR TRIAC|700V V(DRM)|15A I(T)RMS|TO-220 可控硅| 700V的五(DRM)的| 15A条口(T)的有效值|20 TRIAC|400V V(DRM)|15A I(T)RMS|TO-220 TRIAC|400V V(DRM)|25A I(T)RMS|TO-220 TRIAC|800V V(DRM)|25A I(T)RMS|TO-220
|
Motorola Mobility Holdings, Inc.
|
CQ202-4BS-2 |
4.0 AMP TRIAC 200 THRU 800 VOLTS 200 V, 4 A, TRIAC
|
Central Semiconductor, Corp.
|
SC245D-245 SC245B-242 SC265M-252 |
400 V, 10 A, TRIAC, TO-3 200 V, 10 A, TRIAC 600 V, 40 A, TRIAC
|
SEMITRONICS CORP
|
L4006L9 L6004L9 L201E7 |
TRIAC|400V V(DRM)|6A I(T)RMS|TO-220 可控硅| 400V五(DRM)的| 6A条口T)的有效值|20 TRIAC|600V V(DRM)|4A I(T)RMS|TO-220 可控硅| 600V的五(DRM)的| 4A条口T)的有效值|20 TRIAC|200V V(DRM)|1A I(T)RMS|TO-92 可控硅| 200伏五(DRM)的| 1A条口(T)的有效值|2
|
Boca Semiconductor, Corp.
|
CQ202-4D-2 |
4.0 AMP TRIAC 200 THRU 800 VOLTS 400 V, 4 A, TRIAC
|
Central Semiconductor, Corp.
|
TW11N800FZ BSTC0326S6 BSTC0353S6 BSTD0313S6 |
800 V, 12 A, TRIAC, TO-220 25 A, 400 V, SCR 25 A, 800 V, SCR 25 A, 200 V, SCR
|
|
BCR16PM-12 BCR16PM-12L BCR16PM-8 BCR16PM-8L BCR16P |
Isolated Triac 16 Amperes/400-600 Volts 400 V, 16 A, TRIAC, TO-220 Isolated Triac 16 Amperes/400-600 Volts 600 V, 16 A, TRIAC, TO-220
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
MAC212-10-A16A MAC212-8-N MAC212-4-N |
800 V, 12 A, TRIAC, TO-220AB 600 V, 12 A, TRIAC, TO-220AB 200 V, 12 A, TRIAC, TO-220AB
|
MOTOROLA INC
|
HD06 HD04 HD01 HD02 |
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Triac; Package/Case:TO-48; Current, It av:40A; Mounting Type:Through Hole; Repetitive Reverse Voltage Max, Vrrm:200V; Current Rating:40A; Voltage TRIAC,200V V(DRM),25A I(T)RMS,TO-220 TRIAC-600VRM-25A-TO220
|
DIODES[Diodes Incorporated] Diodes Inc.
|
|