PART |
Description |
Maker |
DSPA56371 |
The DSP56371 is a high density CMOS device with 5.0-volt compatible inputs and outputs.
|
FREESCALE[Freescale Semiconductor, Inc]
|
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2096VE-100LT128 ISPLSI2096VE-135LT128 ISPLSI |
3.3V In-System Programmable SuperFAST?/a> High Density PLD CRYSTAL 24.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
ISPLSI2096E-100LQ128 ISPLSI2096E-100LT128 ISPLSI20 |
In-SystemProgrammableSuperFASTHighDensityPLD In-System Programmable SuperFAST?/a> High Density PLD In-System Programmable SuperFAST High Density PLD In-System Programmable SuperFAST⑩ High Density PLD In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP128 In-System Programmable SuperFAST??High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
DK50-1.0 DK50-1.0M DK44-1.0 DK44-1.0M DK60-1.0 DK6 |
1.0mm High Density FLEX (300V, 105隆?C) 1.0mm High Density FLEX (300V, 105掳C) 1.0mm High Density FLEX (300V, 105°C)
|
Yamaichi Electronics Co., Ltd. http://
|
LC4128X LC4256ZC-45M132C1 LC4256ZC-75M132C1 LC4032 |
3.3V/2.5V/1.8V在系统可编程超快高密PDLs 3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs EE PLD, 4.2 ns, PQFP100 3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs EE PLD, 7.5 ns, PBGA56 3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs EE PLD, 7.5 ns, PQFP48 3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs EE PLD, 3.7 ns, PQFP48 3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs EE PLD, 5 ns, PBGA56 3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs EE PLD, 5 ns, PQFP48 3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs EE PLD, 7.5 ns, PQFP100 3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
|
Lattice Semiconductor Corporation http:// Lattice Semiconductor, Corp.
|
ISPLSI5512VE-155LF256 ISPLSI5512VE-155LB272 ISPLSI |
In-system programmable 3.3V SuperWIDE high density PLD. fmax 155 MHz, tpd 6.5 ns. In-system programmable 3.3V SuperWIDE high density PLD. fmax 125 MHz, tpd 7.5 ns. EE PLD, 10 ns, PBGA388 In-system programmable 3.3V SuperWIDE high density PLD. fmax 100 MHz, tpd 10 ns. In-system programmable 3.3V SuperWIDE high density PLD. fmax 80 MHz, tpd 12 ns.
|
LATTICE SEMICONDUCTOR CORP
|
ISPLSI5256VE-125LT100I ISPLSI5256VE-100LF256I ISPL |
In-system programmable 3.3V SuperWIDE high density PLD. fmax 80 MHz, tpd 12 ns. EE PLD, 10 ns, PBGA256 In-system programmable 3.3V SuperWIDE high density PLD. fmax 100 MHz, tpd 10 ns. In-system programmable 3.3V SuperWIDE high density PLD. fmax 125 MHz, tpd 7.5 ns. In-system programmable 3.3V SuperWIDE high density PLD. fmax 165 MHz, tpd 6.0 ns.
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
ISPLSI2032A-80LJ ISPLSIB2032 ISPLSIB2032-110LJ ISP |
(ISPLSI2032/A) In-System Programmable SuperFAST High Density PLD In-System Programmable High Density PLD
|
LATTICE[Lattice Semiconductor]
|
ISPLSI5256VA ISPLSI5256VA-100LB208 ISPLSI5256VA-10 |
In-System Programmable 3.3V SuperWIDE⑩ High Density PLD In-System Programmable 3.3V SuperWIDE High Density PLD
|
LATTICE[Lattice Semiconductor]
|