PART |
Description |
Maker |
DS1WM |
Synthesizable 1-Wire Bus Master
|
DALLAS[Dallas Semiconductor]
|
FM24C04 FM24C04U FM24C04UE FM24C04UL FM24C04ULZ FM |
I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 80POS DUAL SMD 4K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 4K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AT93C46 AT93C46-10PC AT93C46-10PC-1.8 AT93C46-10PC |
3-Wire Serial EEPROMs 3线串行EEPROM 3-Wire Serial EEPROMs 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 16 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 CONN UHF JACK 4 HOLE FLANGE MT 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 122 x 32 pixel format, Compact LCD size 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 3-Wire Serial EEPROMs 256 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 3-Wire Serial EEPROMs 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 3-Wire Serial EEPROMs 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 128 x 64 pixel format, LED or EL Backlight available 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 DC-DC Converter; Supply Voltage:36V; Output Voltage:3.3V; Number of Outputs:1; Power Rating:100W; Mounting Type:PC Board; Series:Eighth-Brick; Efficiency:90%; Leaded Process Compatible:Yes; Output Current:20A RoHS Compliant: Yes SH2 Series, 7606 Group, UBC, SDRAM, PCMCIA, Host I/F, 2-ch CMT, 16KB unified 4 way set associative cache BP-176V; Vcc= 3.0 to 3.6 volts, Temp= -40 to 85 C; Package: PLBG0176GA-A SH2 Series, 7606 Group, UBC, SDRAM, PCMCIA, Host I/F, 2-ch CMT, 16KB unified 4 way set associative cache BP-176V; Vcc= 3.0 to 3.6 volts, Temp= -20 to 75 C; Package: PLBG0176GA-A -3-Wire Serial EEPROMs 3-WireSerialEEPROMs 3-Wire Serial EEPROMs
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
Q67100-H3505 Q67100-H3500 Q67100-H3501 Q67100-H350 |
16 Kbit 2048 x 8 bit Serial CMOS EEPROMs/ I2C Synchronous 2-Wire Bus DIMMER IC FOR HALOGEN LAMPS 16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus 16千位2048 × 8位串行CMOS EEPROM的,I2C同步2线总线
|
SIEMENS AG Siemens Semiconductor Group
|
LTC4304CMS LTC4304CDD LTC4304IDD LTC4304IMS LTC430 |
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C SPECIALTY INTERFACE CIRCUIT, PDSO10
|
Linear Technology, Corp.
|
TD7623AFN EE08926 |
From old datasheet system 3-WIRE AND 12C BUS SYSTEM, 2.3GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV 3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
|
TOSHIBA[Toshiba Semiconductor]
|
SLA24C32-S-3/P SLA24C32-D-3/P Q67100-H3235 Q67100- |
32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus 32千位4096 × 8位串行CMOS EEPROM的,I2C同步2线总线 32 Kbit 4096 x 8 bit Serial CMOS EEPROMs/ I2C Synchronous 2-Wire Bus
|
SIEMENS AG Siemens Semiconductor Group
|
FM24C16 FM24C16U FM24C16U_17U FM24C17UFTN FM24C16U |
16K--Bit Standard 2-Wire Bus Interface Serial EEPROM 16K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system I2C Serial EEPROM I2C串行EEPROM
|
FAIRCHILD[Fairchild Semiconductor] L-com, Inc. Fairchild Semiconductor, Corp.
|
ADC08038CIWMX ADC08034CIWMX ADC08031CIWMX |
Hot Swappable 2-Wire Bus Buffers; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C Hot Swappable 2-Wire Bus Buffers; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Analog-to-Digital Converter, 8-Bit
|
ADC
|
BR93H46RF-2LB BR93H46RF-2LBH2 |
Microwire BUS 1Kbit(64x16bit) EEPROM Serial EEPROM Series Industrial EEPROM 125?/a> Operation Microwire BUS EEPROM (3-wire)
|
Rohm Co., Ltd.
|
BR24T1M-3AM |
I2C BUS EEPROM (2-Wire)
|
Rohm
|