PART |
Description |
Maker |
935163290112 PCF1252-0T/F4112 PCF1252-0TD-T PCF125 |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Threshold detector and reset generator; Package: SOT96-1 (SO8); Container: Tube Threshold detector and reset generator; Package: SOT96-1 (SO8); Container: Tape reel smd
|
NXP SEMICONDUCTORS
|
TMJ9902 |
Threshold Detector
|
Spectrum Microwave, Inc.
|
DTD05045 |
Threshold Detector
|
DAICO[DAICO Industries, Inc.]
|
TMJ9903 TNJ9903 BXJ9903 |
THRESHOLD DETECTOR
|
API Technologies Corp
|
MXP6501 MSC0319A |
From old datasheet system Opto Coupler With Logic Output and Adjustable Optical Threshold
|
Microsemi Corporation
|
MXP6505 MSC0318A |
From old datasheet system Opto Coupler with Logic Output And Adjustable Optial Threshold
|
MICROSEMI[Microsemi Corporation]
|
ACSP-2538PZC32R-RC ACSP-2538PC8R-RC |
100 MHz - 2000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 20 dBm INPUT POWER-MAX ROHS COMPLIANT, CASE C32 100 MHz - 2000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 20 dBm INPUT POWER-MAX ROHS COMPLIANT, CASE C8
|
Amphenol, Corp.
|
ACSP-2501NZC15R-RC ACSP-2501PC8-RC ACSP-2501PC15-R |
500 MHz - 2000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 20 dBm INPUT POWER-MAX ROHS COMPLIANT, CASE C15 500 MHz - 2000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 20 dBm INPUT POWER-MAX ROHS COMPLIANT, CASE C8
|
Radicom Research, Inc.
|
MAX792 MAX792CPE MAX792CSE MAX792EJE MAX792EPE MAX |
Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.62V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.37V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 2.61V. Reset and low-line threshold accuracy -2% Microprocessor Voltage Monitors with Programmable Voltage Detection Dual D-type Positive-Edge-Triggered Flip-Flops With Clear And Preset 14-CFP -55 to 125 微处理器和非挥发性内存监控电 Microprocessor and Non-Volatile Memory Supervisory Circuits From old datasheet system Microprocessor and non-volatile metory supervisory circuit. Reset threshold 3.06V. Reset and low-line threshold accuracy -2%
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
DTD01939 |
THRESHOLD DETECTOR|QUAD|12PIN|METAL 阈值检测器|四| 12PIN |金属
|
TE Connectivity, Ltd.
|
TQM676021 |
WCDMA/HSUPA PA-Duplexer Module; SE Input w/Coupler, Detector
|
TRIQUINT SEMICONDUCTOR INC
|
ACSP-2507NZC8R-RC |
2000 MHz - 12000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 20 dBm INPUT POWER-MAX ROHS COMPLIANT, CASE C8
|
DB Lectro, Inc.
|