PART |
Description |
Maker |
LTC1871 LTC1871EMS |
Wide Input Range/ No RSENSE Current Mode Boost/ Flyback and SEPIC Controller 1MHz, Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
|
Linear Technology
|
AN2838 |
35 W wide-range high power factor flyback converter evaluation
|
STMicroelectronics
|
LT3825EFE LT3825EFE-PBF LT3825EFE-TR LT3825EFE-TRP |
Isolated No-Opto Synchronous Flyback Controller with Wide Input Supply Range
|
Linear Technology
|
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
BD9302FP-E |
A wide input voltage range of 6 V to 18 V, Easy switching frequency setting in the range of 200 k to 2.5 MHz.
|
Rohm
|
LT3740EDHC-TRPBF LT3740EDHC-PBF LT3740EDHCTRPBF |
Wide Operating Range, Valley Mode, No RSENSE Synchronous Step-Down Controller; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 0.14 A SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO16 Wide Operating Range, Valley Mode, No RSENSE?/a> Synchronous Step-Down Controller
|
Linear Technology, Corp.
|
R1LV0408CSP-7LI R1LV0408CSA-5SI R1LV0408CSA-7LI R1 |
Memory>Low Power SRAM Wide Temperature Range Version 4M SRAM (512-kword 】 8-bit) Wide Temperature Range Version 4M SRAM (512-kword 隆驴 8-bit) Wide Temperature Range Version 4M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4M SRAM (512-kword 8-bit)
|
Renesas Electronics Corporation HITACHI[Hitachi Semiconductor]
|
MIW3047 MIW3000 MIW3011 MIW3012 MIW3013 MIW3014 MI |
5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters From old datasheet system RESISTOR 4.3 OHM .5W CARB COMP 5 - 6W,宽输入范围下滑,单 5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters 5 - 6W,宽输入范围下滑,单
|
etc MINMAX[Minmax Technology Co., Ltd.] TOTAL-POWER[Total Power International] Electronic Theatre Controls, Inc.
|
GM195A |
P N P S I L I C O N P L A N A R M E D I UM POWE R T R A N S I S T O R
|
E-Tech Electronics LTD
|
LT3757EMSETRPBF LT3757IMSEPBF |
LT3757 - Boost, Flyback, SEPIC and Inverting Controller; Package: MSOP; Number of Pins: 10; Temperature Range: –40°C to 125°C SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PDSO10 LT3757 - Boost, Flyback, SEPIC and Inverting Controller; Package: MSOP; Number of Pins: 10; Temperature Range: –40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD7118 AD7118TQ2 AD7118CQ AD7118TQ AD7118UQ |
17V; 450mW; LOGDAC CMOS logarithmic D/A converter. For digitally controlled AGC systems, audio attenuators, wide dynamic range A/D converters, sonar systems, function generators LOGDAC CMOS Logarithmic D/A Converter PARALLEL, WORD INPUT LOADING, 6-BIT DAC, CDIP16 LOGDAC CMOS Logarithmic D/A Converter LOGDAC的CMOS对数D / A转换 ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0
|
Analog Devices, Inc.
|