PART |
Description |
Maker |
KXR94-2050 |
Tri-Axis Accelerometer
|
Kionix
|
ADIS16350 ADIS16350AMLZ1 ADIS16350EVALZ1 ADIS16350 |
Tri-Axis Inertial Sensor
|
Analog Devices
|
KXR94-2283 |
2g Tri-Axis Accelerometer Specifications
|
List of Unclassifed Manufacturers
|
KXTIK-1004 |
2g/4g/8g Tri-axis Digital Accelerometer Specifications
|
List of Unclassifed Manufacturers
|
KXR94-2353 |
± 2g Tri-axis Digital Accelerometer Specifications
|
List of Unclassifed Man...
|
KXSS5-2057 |
Tri-axis Accelerometer Specifications
|
List of Unclassifed Man...
|
LS7766 |
32-BIT SINGLE- AXIS/DUAL-AXIS QUADRATURE COUNTER
|
LSI Computer Systems
|
ADXL250JQC ADXL150 ADXL150JQC ADXL150AQC ADXL150EM |
-5 g to -50 g/ Low Noise/ Low Power/ Single/Dual Axis iMEMS Accelerometers -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers Circular Connector; No. of Contacts:6; Series:LJTP02R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:9; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:9-35 ±50g Single Axis Accelerometer with Analog Output ±50g Dual Axis Accelerometer with Analog Outputs
|
Analog Devices, Inc.
|
ADM663 ADM663A ADM663AAN ADM663AAR ADM666A ADM666A |
Tri-Mode: 3.3 V 5 V Adjustable Micropower Linear Voltage Regulators(332.03 k) Tri-Mode: 3.3 V. 5 V. Adjustable Micropower Linear Voltage Regulators 三模式:3.3五,调节微功率线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators 三模式:3.3伏,5伏,可调微功耗线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators FIXED/ADJUSTABLE POSITIVE REGULATOR, PDSO8 Tri-Mode: 3.3 V/ 5 V/ Adjustable Micropower Linear Voltage Regulators Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulator Featuring Additional Low Battery Monitoring Circuitry
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC3201 LTC5505-1 LTC5505-1ES5 LTC5505-2 LTC5505-2 |
RF Power Detector with Buffered Output and 40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 300 MHz - 3000 MHz RF/MICROWAVE LINEAR DETECTOR, 18 dBm INPUT POWER-MAX
|
LINER[Linear Technology] Linear Technology, Corp.
|
AD7245A AD7248A AD7248ATQ3 AD7245ATQ3 AD7245ABRZ |
12-Bit DACPORT with Double-Buffered Parallel Input 12-Bit DACPORT with Double-Buffered Byte Loading LC2MOS 12-Bit DACPORTs
|
Analog Devices
|