PART |
Description |
Maker |
TC654 TC654EUN TC655 TC655EUN |
The TC655 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li The TC654 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li Dual SMBus PWM Fan Speed Controllers With Fan Fault Detection Dual SMBus⑩ PWM Fan Speed Controllers With Fan Fault Detection
|
MICROCHIP[Microchip Technology]
|
TC654 |
(TC654 / TC655) PWM Fan Speed Controllers With Fan Fault Detection
|
Microchip Technology
|
EMC2101-ACZT-TR |
Thermal Management Products- Brushless DC Fan Controllers & Fan Fault Detectors
|
Microchip
|
ECG2331 ECG2326 ECG2322 ECG2328 ECG2332 ECG2333 |
FAN AC 176X89 220V BALL, 420cfm TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 8A I(C) | TO-220VAR FAN AC 172X51 115V BALL, 106cfm TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 15A I(C) | TO-247VAR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|47VAR FAN AC 180X65 115V BALL, 400cfm 晶体管|晶体管|达林顿|叩| 60V的五(巴西)总裁|甲一(c)|20 FAN AC 180X65 115V BALL, 340cfm 晶体管|晶体管|叩| 450V五(巴西)总裁| 8A条一c)| TO - 220AB现有
|
Vishay Intertechnology, Inc. NEC, Corp.
|
G280 |
Fan Guard for 280mm fan
|
ORION FANS
|
5191 5190 |
L-band Fan-In/Fan-Out
|
Dow-Key Microwave Corpo...
|
BA6811 BA6811F BA6813F A5801086 BA6813 |
From old datasheet system Fan motor driver IC Motor Drivers LSIs > Fan motor driver > Two-phase half-wave motor driver
|
http:// ROHM[Rohm]
|
12740 12750 12730 |
FAN WALL BUILT IN 9 INCH FAN WALL BUILT IN 12 INCH 范墙建造中2英寸 FAN WALL BUILT IN 6 INCH 范墙内建6英寸
|
KEMET Corporation Fluke Networks
|
07190-SP072 |
FAN CORD FEMALE 90° W/ NEMA 1-15 PLUG FAN CORD FEMALE 90隆? W/ NEMA 1-15 PLUG
|
Qualtek Electronics Corporation
|
AH5771-PG-B AH5771 |
Single Phase Hall Effect Latch. Smart Fan Motor Controller BRUSHLESS DC MOTOR CONTROLLER, 0.4 A, PSIP4 GREEN, SIP-4 SINGLE PHASE HALL EFFECT LATCH SMART FAN
|
Diodes, Inc. Diodes Incorporated
|