PART |
Description |
Maker |
D63696475024 D63696475023 |
Display Receiver with Limit Outputs
|
ETC[ETC]
|
BU7879KVT |
30bit( 5bit) LVDS Receiver for Flat Panel Display
|
Rohm
|
INDT331B INDR166B IND166SK INDR331B INDT166B IND33 |
Long Distance Digital Display Link Transmitter & Receiver
|
ETC[ETC]
|
INDR165B INDR330B |
(INDx165B / INDx330B) Long Distance Digital Display Link Transmitter & Receiver
|
Inova
|
INDR166B INDR331B |
(INDx166B / INDx331B) Long Distance Digital Display Link Transmitter & Receiver
|
Inova
|
ICL7106CPL ICL7106CM44Z ICL7107CPLZ ICL7106CPLZ IC |
3 1/2 Digit, LCD/LED Display, A/D Converters 1-CH 3-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PQFP44 3 1/2 Digit, LCD/LED Display, A/D Converters 1-CH 3-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP40 Dual LVDS Receiver 5-SOT-23 -40 to 85 Dual LVDS Receiver 8-SOIC
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
E20-00M E14-00M E14-00A E13-00K E13-00H THECHERRYC |
SWITCH SNAP 20A W/THD BUSHING SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 7.32mm, PANEL MOUNT SWITCH SNAP 25A W/THD BUSHING SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 6.81mm, PANEL MOUNT SWITCH SNAP SPDT 25A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 3.81mm, PANEL MOUNT SWITCH ROLLER SPDT 15A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11.1mm, PANEL MOUNT SWITCH LEVER SPDT 15A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11.1mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 19.2mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 7.32mm, PANEL MOUNT 5 current ratings
|
ZF Electronics, Corp. THE CHERRY CORP Cherry Semiconductor Co...
|
AVT3442613 AV3300613 AV3324613 AV32523 AV3412613 A |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 4mm, THROUGH HOLE-STRAIGHT ROHS COMPLIANT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 1mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 3A, 30VDC, 3.3mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 3.3mm, THROUGH HOLE-STRAIGHT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 5A, 30VDC, 4mm, THROUGH HOLE-RIGHT ANGLE
|
|
MN101C35D MN101C35 |
Microcomputer - 8bit - General Purpose The lower limit for operation guarantee for EPROM built-in type is 2.7 V From old datasheet system Lower limit for operation guarantee for EPROM built-in is 2.7V
|
Panasonic Semiconductor Matsushita Electric Panasonic Corporation
|
AM51646C6R3N AM51646C5L3N AM51646C7L3N AM50040C5R3 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 16A, 125VDC, 4.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 2.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 2.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 6A, 125VDC, 9.7mm, PANEL MOUNT
|
Harwin PLC Littelfuse, Inc.
|
MAX4828ELT MAX4827ELT MAX4826ELT MAX4829ELT MAX482 |
50mA/100mA Current-Limit Switches with NO-LOAD Flag in μDFN 50mA/100mA Current-Limit Switches with NO-LOAD Flag in 楼矛DFN 50mA/100mA Current-Limit Switches with NO-LOAD Flag in レDFN
|
Maxim Integrated Products
|
|