PART |
Description |
Maker |
MJB42CT4 MJB41C MJB41CT4 MJB42C MJB41C-D |
Complementary Silicon Plastic Power Transistors D2PAK for Surface Mount Complementary Silicon Plastic Power Transistors 6 A, 100 V, PNP, Si, POWER TRANSISTOR Complementary Silicon Plastic Power Transistors 6 A, 100 V, NPN, Si, POWER TRANSISTOR
|
http:// ONSEMI[ON Semiconductor]
|
MJL21196 MJL21195 ON2056 |
STARTER KIT, EASY 500; Output type:Relay; Temp, op. max:55(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes COMPLEMENTARY SILICON POWER TRANSISTORS 16 AMPERE COMPLEMENTARY SILICON POWER From old datasheet system
|
ONSEMI[ON Semiconductor]
|
MJH11018 MJH11019 MJH11020 MJH11021 MJH11022 MJH11 |
From old datasheet system 15 AMPERE DARLINGTON COMPLEMENTARY SILICON DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
|
ONSEMI[ON Semiconductor]
|
2N6040 2N6045 2N6044 2N6041 2N6042 2N6043 2N6040-D |
COMPLEMENTARY SILICON POWER TRANSISTORS Plastic Medium-Power Complementary Silicon Transistors
|
http:// Central Semiconductor Corp ONSEMI[ON Semiconductor]
|
2M5991 2N5989 |
12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40,60,80 VOLTS 100 WATTS 12安培功率晶体管互补性的芯片40,60,8000 12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40/60/80 VOLTS 100 WATTS 12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40 /60 /80 VOLTS 100 WATTS 12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 406080 VOLTS 100 WATTS
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
BD242A |
COMPLEMENTARY SILICON PLASTIC COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
|
New Jersey Semi-Conductor P...
|
BD535 BD537 BD536 BD533 4133 BD538 BD534 -BD536 |
Complemetary Silicon Power Transistors(浜?ˉ纭?????浣??) From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS RI Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 15V; Power: 2W; Custom Solutions Available; 1kVDC Complemetary Silicon Power Transistors(互补硅功率晶体管)
|
STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
2N604006 2N6042G 2N6040G 2N6043G 2N6045G 2N6040 2N |
Plastic Medium−Power Complementary Silicon Transistors Plastic Medium?Power Complementary Silicon Transistors
|
http:// ONSEMI[ON Semiconductor]
|
MJ21195G MJ21195G-13 |
Silicon Power Transistors 16 AMPERES COMPLEMENTARY SILICON
|
ON Semiconductor
|
MJ15001G MJ1500105 MJ15002G MJ15002 MJ15001 |
Complementary Silicon Power Transistors 15 A, 140 V, NPN, Si, POWER TRANSISTOR, TO-204AA
|
ONSEMI[ON Semiconductor]
|