PART |
Description |
Maker |
MDRC |
Dual Inline Package, Molded DIP, 16 Pin, Rugged, Molded Case Construction, Highly Stable, Automatic Insert Compatible, Reduces Assembly Costs
|
Vishay
|
G |
Military, MIL-R-26 Qualified, Type RW, Precision Power, Silicone Coated, Complete Welded Construction, High Temperature Silicone Coated and Molded, Available in Non-Inductive Styles (Type GN)
|
Vishay
|
SOMC |
Dual Inline Package, Small Outline Molded DIP, 14, 16, or 20 Pins, Rugged, Molded Case Construction, Highly Stable, Automatic Surface Mount Compatible, Reduces Assembly Costs,
|
Vishay
|
PC123X2YUP0F PC123X1NSZ0F PC123X1NUP0F PC123X2NSZ0 |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER ROHS COMPLIANT, PLASTIC, SMT, DIP-4 DIP 4pin Reinforced Insulation Type Photocoupler
|
Sharp Electrionic Components
|
5-1825059-8 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF12SATTR04=DIP,FLUSH,SMT-JL ( Tyco Electronics )
|
Tyco Electronics
|
PS7160L-2A-E4-A PS7160L-2A-E3 |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
|
Renesas Electronics Corporation
|
1N965 JANTX1N957B-1 1N960 1N985 1N963 1N967 JANTXV |
METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 24 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 10 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 10 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 56 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 27 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 MVSTBW 2,5/21-ST 12 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA Zener Voltage Regulator Diode RES 348-OHM 0.1% 0.125W 25PPM THIN-FILM SMD-1206 TR-7-PA METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION
|
MICROSEMI CORP-LAWRENCE Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
1N4007G 1N4004G 1N4001G 1N4002G 1N4002 1N4006 1N40 |
Rectifiers(整流 1 A, 1000 V, SILICON, SIGNAL DIODE (1N4001G - 1N4007G) Rectifiers(Rugged glass package / using a high temperature alloyed construction) IC REG VOLT 4.8V 240MA SOT-23 Rectifiers(Rugged glass package/ using a high temperature alloyed construction) Rectifiers(Rugged glass package, using a high temperature alloyed construction) 1 A, 50 V, SILICON, SIGNAL DIODE Rectifiers(Rugged glass package, using a high temperature alloyed construction) 整流器(坚固的玻璃封装,采用高温合金建设 Rectifiers(Rugged glass package, using a high temperature alloyed construction) 1 A, 400 V, SILICON, SIGNAL DIODE
|
PHILIPS[Philips Semiconductors] http:// NXP Semiconductors N.V.
|
020122MR008S456ZA 020122MR008S156ZA 020122MR008S25 |
USB SERIES A TYPE DUAL PORT DIP TYPE
|
SUYIN USA, INC.
|
020122MR008SX14ZA 020122MR008SX14ZU 020122MR008SX1 |
USB SERIES A TYPE R/A DUAL PORT DIP TYPE
|
SUYIN USA, INC.
|
070911MR |
SLIM TYPE ULTRA THIN D-SUB RIGHT ANGLE DIP TYPE
|
SUYIN USA, INC.
|
|