PART |
Description |
Maker |
UPD4265400G5-A50 UPD4265400G5-A60 UPD4265400G5-A70 |
2M x 8 Static RAM 256K x 4 Static RAM x4快速页面模式的DRAM 512K x 32 Static RAM x4快速页面模式的DRAM 3.3V 16K/32K x 36 FLEx36™ Synchronous Dual-Port Static RAM x4快速页面模式的DRAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM 512K x 24 Static RAM x4快速页面模式的DRAM 2-Mbit (128K x 16) Static RAM x4快速页面模式的DRAM 128K x 8 Static RAM 128K的8静态RAM x4FastPageModeDRAM
|
Elpida Memory, Inc. EPCOS AG STMicroelectronics N.V. NEC, Corp.
|
CAT59C11P CAT59C11PI CAT59C11K-TE13 CAT59C11K-TE7 |
256K x 4 Static RAM 2M x 8 Static RAM Microwire Serial EEPROM 16-Mbit (2M x 8) Static RAM 微型导线串行EEPROM 512K x 32 Static RAM
|
Atmel, Corp.
|
UPD4265800LE-A80 UPD4264800LE-A80 UPD4265800LE-A70 |
18-Mbit QDR-II SRAM 2-Word Burst Architecture 64K x 16 Static RAM 1K x 8 Dual-Port Static RAM 1-Mbit (64K x 16) Static RAM x8快速页面模式的DRAM
|
STMicroelectronics N.V.
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IDT71V416YS15YGI IDT71V416YS IDT71V416YL10BEG IDT7 |
3.3V 256K x 16 Static RAM Center Pwr & Gnd Pinout 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 3.3V的CMOS静态RAM 4梅格56K x 16位) 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 12 ns, PDSO44
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
CY62137CVSL-70BVI CY62137CV CY62137CV25 CY62137CV2 |
Very high speed: 55 ns and 70 ns (CY62137CV25 / CY62137CV30 / CY62137CV33) 2M (128K x 16) Static RAM 32-Bit Transparent D-Type Latch with 3-State Outputs 96-LFBGA -40 to 85 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 55 ns, PBGA48 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 70 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
KM68257C-12 KM68257CJ-12 KM68257CJ-20 KM68257CL-12 |
32Kx8 bit high speed static RAM (5V operating), 20ns 32Kx8 bit high speed static RAM (5V operating), 15ns 32Kx8 bit high speed static RAM (5V operating), 12ns 32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range. 32Kx8位高速静态RAM5V的工作(,进化引脚了。在商业温度范围工作
|
Samsung Electronic SAMSUNG[Samsung semiconductor] Samsung Semiconductor Co., Ltd.
|
IDT61298SA 61298SA_DS_21245 IDT61298SA12Y IDT61298 |
64K x 4 Static RAM From old datasheet system CMOS Static RAM
|
IDT
|
IS62C1024-35Q IS62C1024-35QI IS62C1024 16_62C1024 |
70ns; 5V; 128K x 8 high-speed CMOS static RAM Micro LED; LED Color:Red Orange; Luminous Intensity:80ucd; Viewing Angle:140 ; Forward Voltage:2.2V; Color:Red/Orange; Package/Case:1210; Reel Quantity:3000; Wavelength:630nm RoHS Compliant: Yes 128K的8高速CMOS静态RAM 128K x 8 HIGH-SPEED CMOS STATIC RAM 128K的8高速CMOS静态RAM From old datasheet system ASYNCHRONOUS STATIC RAM 128K x 8 HIGH-SPEED CMOS STATIC RAM
|
Advanced Interconnections, Corp. SIEMENS AG Integrated Silicon Solution, Inc. ICSI[Integrated Circuit Solution Inc] Integrated Circuit Solu...
|
IC62C256 IC62C256-45T IC62C256-45TI IC62C256-45U I |
70ns; 5V; 32K x 8 low power CMOS static RAM ASYNCHRONOUS STATIC RAM, Low Speed A.SRAM 45ns; 5V; 32K x 8 low power CMOS static RAM
|
Integrated Circuit Solution... ICSI[Integrated Circuit Solution Inc]
|
CYU01M16SFCU-70BVXI CYU01M16SFCU |
1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1 MM HEIGHT, LEAD FREE, VFBGA-48 16-Mbit (1M x 16) Pseudo Static RAM
|
Cypress Semiconductor, Corp.
|