PART |
Description |
Maker |
RFSP2010 PRFS-P2010-006 P2010-DSH_E PRFS-P2010-005 |
The RFS P2010 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... 2.4-2.5 GHz Power Amplifier From old datasheet system 2.4?2.5 GHz Power Amplifier Single-band power amplifiers 2.42.5 GHz Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc] ANADIGICS Inc ANADIGICS, Inc.
|
OMA2541SK OMA2541SKC OMA2541SD OMA2541SKB OMA2541S |
DUAL OP-AMP, 2000 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, MBFM8 Dual Hi-Rel Operational Amplifier in a TO-3-8 package DUAL HIGH POWER OPERATIONAL AMPLIFIER
|
International Rectifier ETC[ETC] List of Unclassifed Manufacturers
|
RFS1006 PRFS-1006-0007 PRFS-1006-0008 PRFS-1006-00 |
3.4-3.6 GHz Power Amplifier 3400 MHz - 3600 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 3.4-3.6 GHz Power Amplifier 3号至三月六日GHz功率放大 Single-band power amplifiers The RFS1006 power amplifier is a high-power, high-performance GaAs MESFET IC designed for use in a transmit applications in the 3.4-3.6 ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
RFSP5022 PRFS-P5022-EVL PRFS-P5022-009 PRFS-P5022- |
5.15-5.85 GHz U-NII Power Amplifier 5.15-5.85千兆赫的U - NII功率放大 5.15-5.85 GHz U-NII Power Amplifier 5150 MHz - 5850 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER Single-band power amplifiers The RFS P5022 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 5.15-5.85 GHz ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
OP-221AZ OP-221 OP-221AJ_883 OP-221BJ OP-221CJ OP- |
DUAL OP-AMP, 300 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, MBCY8 TO-99, 8 PIN DUAL LOW POWER OPERATIONAL AMPLIFIER, SINGLE OR DUAL SUPPLY DUAL OP-AMP, 500 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, MBCY8 JT 18C 18#20 PIN RECP DUAL OP-AMP, 300 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, MBCY8 DUAL LOW POWER OPERATIONAL AMPLIFIER / SINGLE OR DUAL SUPPLY
|
Analog Devices, Inc.
|
TL062G-S08-R TL062G-D08-T |
LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER DUAL OP-AMP, 20000 uV OFFSET-MAX, 1 MHz BAND WIDTH, DIP8
|
UNISONIC TECHNOLOGIES CO LTD
|
MRFIC1859 |
Dual Band / GSM 3.6V Integrated Power Amplifier
|
Motorola
|
RF5824PCBA-41X RF5824 |
3.3V, DUAL-BAND WLAN POWER AMPLIFIER MODULE
|
RFMD[RF Micro Devices]
|
AMF-4F-122128-10-12P AMF-4F-009015-04-13P AMF-2F-0 |
12200 MHz - 12800 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 950 MHz - 1450 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 5800 MHz - 6500 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 7250 MHz - 7750 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER
|
MITEQ INC
|
CXG1047FN |
Dual-Band 3V Power Amplifier for GSM900/DCS1800 Applications
|
SONY[Sony Corporation]
|
TDA4555 U2829B U5000M UAA146 U448B U2200B-FP U2300 |
Wide band, low power operational amplifier with standby function 模拟IC Trisil" for telecom equipment protection Dual wide band operational amplifier with high output current 8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface From old datasheet system ConsumerIC Consumer IC - Datasheet Reference
|
Toko America Inc
|
FMM5057X |
7100 MHz - 8500 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER C-Band Power Amplifier MMIC
|
Fuji Electric Eudyna Devices Inc
|