PART |
Description |
Maker |
TPS62221DDCTG4 TPS62222DDCTG4 TPS62223DDCTG4 TPS62 |
<font color=red>[Old version datasheet]</font> 400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
|
TI store
|
P4KE11 P4KE10 P4KE100 P4KE20 P4KE27 P4KE33 P4KE180 |
400 Watt Transient Voltage Suppressors 6.8 to 400 Volts 400 Watt Transient Voltage Suppressors 6.8 to 400 Volts 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-41
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
PTVS13VS1UR PTVS10VS1UR-115 TVS51VS1UR PTVS7V0S1UR |
400 W Transient Voltage Suppressor 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
NXP Semiconductors N.V.
|
RA30H4047M RA30H4047M-01 RA30H4047M-E01 |
400-470MHz 30W 12.5V MOBILE RADIO 400 - 470MHz的功0W 12.5V移动通信
|
Mitsubishi Electric, Corp. MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
AD9953 AD9953PCB |
400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer 400 MSPS4位,1.8V CMOS的直接数字频率合成器
|
Analog Devices, Inc.
|
1SMA43CAT3G |
400 Watt Peak Power Zener Transient Voltage Suppressors 400 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
DSS-113 DSS-113PIN DS-113PIN |
Two-Way Power Divider, 400 KHz - 400 MHz
|
M/A-COM Technology Solutions, Inc.
|
DSS-113 |
Two-Way Power Divider 400 kHz - 400 MHz
|
MACOM[Tyco Electronics]
|
BT149D126 |
Thyristors logic level - I<sub>GT</sub>: 0.2 mA; I<sub>T</sub> (R<sub>MS</sub>): 0.8 A; V<sub>DRM</sub>: 400 V; Package: SOT54 (TO-92); Container: Ammo pack axial radial taped 0.8 A, 400 V, SCR
|
NXP Semiconductors N.V.
|
VBUS053AZ-HAF VBUS053AZ-HAF-GS08 |
USB-OTG BUS-Port ESD-Protection for VBUS = 12 V
|
Vishay Siliconix
|
RM400HA-34 RM400HA-34S |
Super Fast Recovery Single Diode Module (400 Amperes/1700 Volts) 400 A, 1700 V, SILICON, RECTIFIER DIODE
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
LQR2W472MSEG LQR2W472MSEH LQR2W472MSEJ LQR2W562MSE |
ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 5600 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 5600 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 6800 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3900 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 680 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2700 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 8200 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3300 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2200 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 4700 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1500 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 15000 uF, CHASSIS MOUNT
|
Nichicon Corporation Nichicon, Corp.
|
|