PART |
Description |
Maker |
CSPEMI205G CSPEMI205 |
3 Channel Headset EMI Filter with ESD Protection @ ±8kV (IEC61000-4-2 Level 4 Contact Discharge), Chip Scale Package
|
CALMIRCO[California Micro Devices Corp]
|
CSPEMI306A |
"6 Channel EMI Filter (30dB @ 900MHz) with ESD Protection @ ?à15KV (IEC61000-4-2 Level 4 Contact Discharge), Chip Scale Package"
|
California Micro Devices
|
CSPEMI201AG CSPEMI201A |
2 Channel Headset Speaker EMI Filter with ESD Protection @ ±8kV (IEC61000-4-2 Level 4 Contact Discharge), Chip Scale Package
|
CALMIRCO[California Micro Devices Corp]
|
CM1400-03 CM1400-03CP CM1400-03CS |
6 Channel EMI Filter (30dB @ 900MHz) with ESD Protection @ ±15KV (IEC61000-4-2 Level 4 Contact Discharge) in Chip Scale Package ...
|
California Micro Devices Corp
|
CSPEMI201A |
"2 Channel Headset Speaker EMI Filter with ESD Protection @ ?à8kV (IEC61000-4-2 Level 4 Contact Discharge), Chip Scale Package" From old datasheet system
|
California Micro Devices
|
AMBF22 |
MULTILAYER CHIP BALANCE-EMI FILTER
|
Abracon Corporation
|
QPI-10LZ-01 |
AdvancedTCATM Hot-Swap SiP with VI Chip EMI Filter
|
Vicor Corporation
|
QPI-12-CB1 |
QPI-12LZ Filter Carrier Board for 48 V VI Chip EMI Evaluation
|
Vicor Corporation
|
NFA31GD1011014D NFA31GD1001014D NFA31GD1004704D NF |
EMI FILTER, 6V 0.015A NFA31GD1011014 4 FUNCTIONS, 6 V, 0.015 A, DATA LINE FILTER 4 FUNCTIONS, 6 V, 0.02 A, DATA LINE FILTER FLT, S/M, EMI SUP, 100PF
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
CM1422 CM1420 CM1422-03CS CM1420-03CP CM1420-03CS |
6 and 8 Channel LCD Filter Array ESD Protection with OptiGuard Coating (CSPEMI606/608 pin compatible) (CM1420 / CM1422) LCD EMI Filter Array with ESD Protection LCD EMI Filter Array with ESD Protection 液晶EMI滤波器与ESD保护阵列
|
CALMIRCO[California Micro Devices Corp] California Micro Devices Corporation
|
EMIF07-LCD02F310 EMIF07-LCD02F3 |
7-line EMI filter ans ESD protection for display interfaces 7-line IPAD? EMI filter and ESD protection for LCD and cameras
|
ST Microelectronics STMicroelectronics
|