PART |
Description |
Maker |
ISL9021AIRUFZ-T ISL9021AIIBZ-T ISL9021AIICZ-T ISL9 |
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO 1.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO6
|
Intersil Corporation
|
ISL9021IRUWZ-T ISL9021IRUPZ-T ISL9021IRUYZ-T ISL90 |
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO; Temperature Range: -40°C to 85°C; Package: 6-uTDFN T&R FIXED POSITIVE LDO REGULATOR, PDSO6 FIXED POSITIVE LDO REGULATOR, PBGA4
|
Intersil Corporation http:// Intersil, Corp. Vicor, Corp.
|
AAT3221IJS-1.5-T1 AAT3221IJS-1.6-T1 AAT3221IJS-1.8 |
150mA NanoPower⑩ LDO Linear Regulator 2.3 V FIXED POSITIVE LDO REGULATOR, 0.275 V DROPOUT, PDSO5 2.4 V FIXED POSITIVE LDO REGULATOR, 0.265 V DROPOUT, PDSO8 1.7 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PDSO5 2.8 V FIXED POSITIVE LDO REGULATOR, 0.235 V DROPOUT, PDSO5 2.7 V FIXED POSITIVE LDO REGULATOR, 0.24 V DROPOUT, PDSO5 2 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPower LDO Linear Regulator 150mA NanoPower垄芒 LDO Linear Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO5 150mA NanoPower?LDO Linear Regulator
|
http:// Advanced Analogic Technologies Advanced Analogic Techn...
|
ISL80101IR50Z ISL80101IR50Z-T ISL80101IR25Z ISL801 |
FIXED POSITIVE LDO REGULATOR, PDSO10 High Performance 1A LDO
|
Intersil Corporation
|
ZXCL5213V30H5TA |
IC REG LDO MICROPWR 3.0V SC70-5 3 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO5
|
Zetex Semiconductor PLC
|
MIC29510 MIC29510-3.3BT MIC29510-5.0BT MIC29512BT |
IC-LDO REGULATOR 集成电路LDO稳压 5A Fast-Response LDO Regulator(输出电流5A 快速瞬变反应低压差稳压 PT 61C 61#20 SKT PLUG 5A Fast-Response LDO Regulator Preliminary Information
|
MICREL INC Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
SP6200ER-L-1.5 SP6200EM5-L-1.5 SP6200ER-L-1.5/TR S |
1.5 V FIXED POSITIVE LDO REGULATOR, DSO8 2 X 3 MM, LEAD FREE, MO-229CVCED-2, DFN-8 1.5 V FIXED POSITIVE LDO REGULATOR, PDSO5 LEAD FREE, MO-178AA, SOT-23, 5 PIN 2.7 V-6 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO8 2.85 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO5
|
Exar, Corp. Stackpole Electronics, Inc. EXAR CORP
|
NCV8504PW33G |
Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16
|
ON Semiconductor
|
NCV8505D2TADJR4G |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET 1.261 V-1.339 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO7
|
ON Semiconductor
|
SI91822DH-12-T1-E3 SI91822DH-33-T1 SI9182DH-33-T1 |
LDO Regulator Pos 1.215V 0.6A 8-Pin MSOP T/R LDO Regulator Pos 3.3V 0.6A 8-Pin MSOP T/R LDO Regulator Pos 3.3V 0.5A 8-Pin MSOP T/R IC 1.5 A SWITCHING CONTROLLER, 2000 kHz SWITCHING FREQ-MAX, PDSO16, TSSOP-16, Switching Regulator or Controller REG LDO LIN FIX POS 2.2V 0.3A 5MLP33 - Tape and Reel
|
Vishay Siliconix
|