PART |
Description |
Maker |
IRGS8B60K IRGSL8B60K IRGB8B60K |
INSULATED GATE BIPOLAR TRANSISTOR 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package 600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package
|
http:// IRF[International Rectifier]
|
IRG4BC15UD-L IRG4BC15UD-S |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A) 绝缘栅双极型晶体管,超快软恢复二极管VCES和\u003d 600V电压的Vce(on)典\u003d 2.02V,@和VGE \u003d 15V的,集成电路\u003d 7.8A 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRGB6B60K IRGS6B60K IRGSL6B60K |
600V UltraFast 10-30 kHz IGBT in a TO-220AB package 600V UltraFast 10-30 kHz IGBT in a D2-Pak package 600V UltraFast 10-30 kHz IGBT in a TO-262 package
|
International Rectifier
|
IRG4PC30UD |
600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
IRG4RC10UD IRG4RC10UDTR IRG4RC10UDTRL IRG4RC10UDTR |
600V UltraFast 8-60 kHz Copack IGBT in a D-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
|
International Rectifier
|
IRG4PC50UD IRG4PC50UD-E |
55 A, 600 V, N-CHANNEL IGBT, TO-247AD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A) 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package
|
IRF[International Rectifier]
|
IRG4BC10SD-L IRG4BC10SD-S |
600V DC-1 kHz (Standard) Copack IGBT in a D2-Pak package 600V DC-1 kHz (Standard) Copack IGBT in a TO-262 package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, Ic=2.0A)
|
IRF[International Rectifier]
|
AUIRGS30B60KTRL AUIRGSL30B60K |
600V Automotive UltraFast 10-30 kHz IGBT in a D2-Pak package 600V Automotive UltraFast 10-30 kHz IGBT in a TO-262 package
|
International Rectifier
|
IRG4BC30K-S IRG4BC30KS IRG4BC30K-STRR |
600V UltraFast 8-25 kHz Discrete IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
IRG4BC20FD IRG4BC20FDPBF |
600V Fast 1-8 kHz Copack IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
|
International Rectifier IRF
|
IRG4BC20UD-S |
600V UltraFast 8-60 kHz Copack IGBT in a D2-Pak package
|
International Rectifier
|
IRG4PSC71KD |
600V UltraFast 8-25 kHz Copack IGBT in a TO-274AA package
|
International Rectifier
|