PART |
Description |
Maker |
1N4575 1N4766A 1N4767 1N4768A 1N4576 1N4767A 1N457 |
Low-level temperature-compensated zener reference diode. Max voltage 0.048 V. Low-level temperature-compensated zener reference diode. Max voltage 0.070 V. Low-level temperature-compensated zener reference diode. Max voltage 0.014 V. Low-level temperature-compensated zener reference diode. Max voltage 0.024 V. Low-level temperature-compensated zener reference diode. Max voltage 0.028 V. Low-level temperature-compensated zener reference diode. Max voltage 0.099 V. Low-level temperature-compensated zener reference diode. Max voltage 0.002 V. Low-level temperature-compensated zener reference diode. Max voltage 0.005 V. Low-level temperature-compensated zener reference diode. Max voltage 0.003 V.
|
Motorola
|
CDLL945A CDLL941 CDLL941A CDLL941B CDLL942 CDLL942 |
11.22-12.28 temperature compensated zener reference diode Temperature Compensated Zener Reference Diodes(娓╁害琛ュ?榻?撼?哄?浜??绠? Temperature Compensated Zener Reference Diodes(温度补偿齐纳基准二极
|
Compensated Devices Incorporated CDL CDI-DIODE[Compensated Deuices Incorporated] Compensated Deuices Inc...
|
MP3V5050V MP3V5050VC6T1 MP3V5050VC6U |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
Freescale Semiconductor, Inc
|
M21131G-22 M21131G-13 |
72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch with Amplif-EYE Signal Conditioning
|
M/A-COM Technology Solu...
|
MPXM2202 MPXM2202A MPXM2202AS MPXM2202AST1 MPXM220 |
200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors(200kPa片内温度补偿和校准硅压力传感 200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 MOTOROLA[Motorola, Inc]
|
1N822 1N822-1 1N822A 1N824 1N824-1 1N824A 1N821-1 |
Bobbins Transformer; Supply Voltage:230V; Power Rating:2.5VA; Mounting Type:PCB Surface; Approval Bodies:cURus; External Depth:1.375"; External Height:0.813"; External Width:1.125"; Frequency:60GHz; Leaded Process Compatible:Yes 6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.55 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH TRANSF 17VAC .34A FLAT PACK PW 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH 0TC Reference Voltage Zener 0TC参考电压稳 Cleaning Compound; Dispensing Method:Spray; For Use With:Static Control Mats and Work Surfaces; Volume:1quart (US) RoHS Compliant: NA 6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
|
Coilcraft, Inc. Microsemi, Corp. TOKO, Inc. MICROSEMI[Microsemi Corporation]
|
6755 6756 |
TEMPERATURE COMPENSATED
|
Vectron International, Inc
|
HE-TXO-10C1 HE-VTXO-10C1 HE-TXO-10D1 HE-VTXO-10D1 |
TEMPERATURE COMPENSATED OSCILLATOR
|
List of Unclassifed Manufacturers ETC
|
1N4570 1N4578 1N4578A 1N4580 1N4580A |
6.4 VOLT TEMPERATURE COMPENSATED 6.4 VOLT TEMPERATURE COMPENSATED
|
Digitron Semiconductors
|
CMT-8-2003 |
Temperature Compensated Amplifier
|
TELEDYNE[Teledyne Technologies Incorporated]
|
C2530 |
Temperature Compensated Crystal Oscillators
|
Vectron
|