PART |
Description |
Maker |
1N4575 1N4766A 1N4767 1N4768A 1N4576 1N4767A 1N457 |
Low-level temperature-compensated zener reference diode. Max voltage 0.048 V. Low-level temperature-compensated zener reference diode. Max voltage 0.070 V. Low-level temperature-compensated zener reference diode. Max voltage 0.014 V. Low-level temperature-compensated zener reference diode. Max voltage 0.024 V. Low-level temperature-compensated zener reference diode. Max voltage 0.028 V. Low-level temperature-compensated zener reference diode. Max voltage 0.099 V. Low-level temperature-compensated zener reference diode. Max voltage 0.002 V. Low-level temperature-compensated zener reference diode. Max voltage 0.005 V. Low-level temperature-compensated zener reference diode. Max voltage 0.003 V.
|
Motorola
|
CDLL945A CDLL941 CDLL941A CDLL941B CDLL942 CDLL942 |
11.22-12.28 temperature compensated zener reference diode Temperature Compensated Zener Reference Diodes(娓╁害琛ュ?榻?撼?哄?浜??绠? Temperature Compensated Zener Reference Diodes(温度补偿齐纳基准二极
|
Compensated Devices Incorporated CDL CDI-DIODE[Compensated Deuices Incorporated] Compensated Deuices Inc...
|
JANTXV1N827ATR-2 JANS1N827ATR-2 JANTXV1N827TR-2 JA |
6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH 6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-213AA
|
Microsemi, Corp. Microsemi Corporation
|
CMKTC825A |
SURFACE MOUNT ULTRAmini TEMPERATURE COMPENSATED SILICON ZENER DIODE announces the release of the CMKTC825A temperature compensated (TC) Zener diode packaged in a space saving ULTRAmini SOT-363 surface mount case.
|
CENTRAL[Central Semiconductor Corp]
|
MPXM2202 MPXM2202A MPXM2202AS MPXM2202AST1 MPXM220 |
200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors(200kPa片内温度补偿和校准硅压力传感 200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 MOTOROLA[Motorola, Inc]
|
1N4903A 1N4903 1N4905A 1N4901A 1N4907A 1N4907 1N49 |
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES TSPC 5/ 4-ST-7,62 TSPC 5/11-STF-7,62 TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 温补参考稳压二极管 12.8 V, SILICON, VOLTAGE REFERENCE DIODE, DO-35
|
Compensated Deuices Inc... Compensated Devices Incorporated CDI-DIODE[Compensated Deuices Incorporated] Microsemi, Corp.
|
6755 6756 |
TEMPERATURE COMPENSATED
|
Vectron International, Inc
|
TO506 TO50613 |
Temperature Compensated Crystal Oscillator
|
Vanlong Technology Co., Ltd.
|
C2269 |
Temperature Compensated Crystal Oscillators
|
Vectron
|
C2260 |
Temperature Compensated Crystal Oscillators
|
Vectron
|
TCXO-700-FFR-156 TCXO-700-FFR-106 TCXO-700-FFK-106 |
Temperature Compensated Crystal Oscillator
|
Vectron International, Inc http://
|