PART |
Description |
Maker |
2N640004 2N6401G 2N6426G 2N6405G 2N6400 2N6401 2N6 |
Silicon Controlled Rectifier 16A 400V Darlington Transistors NPN Silicon Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
|
ONSEMI[ON Semiconductor]
|
2N3670 2N4103 2N3669 2N3668 |
12.5A silicon controlled rectifier. Vrm(non-rep) 330V. 12.5A SILICON CONTROLLED RECTIFIERS
|
General Electric Solid State GE[General Semiconductor] GE Security, Inc.
|
ST280CH06C0 ST280CH04C1 |
Silicon Controlled Rectifier, 1130 A, 400 V, SCR, TO-200AB, EPUK-2 Silicon Controlled Rectifier, 1130 A, 600 V, SCR, TO-200AB, EPUK-2 600V 500A Phase Control SCR in a TO-200AA (A-Puk) package
|
Vishay Semiconductors International Rectifier
|
BT151-600 BT151 |
600V Vdrm 12A Sensitive Gate Silicon Controlled Rectifier, 1.7@23AV Peak On-State Voltage, 200V/μs Rise of Off-State Voltage Silicon Controlled Rectifiers
|
SemiWell Semiconductor
|
MCR264-4-D MCR264-4 |
Silicon Controlled Rectifier Reverse Blocking Thyristor(40A400V硅控整流器反向截止晶闸管) 40 A, 200 V, SCR, TO-220AB Silicon Controlled Rectifiers Reverse Blocking Thyristors
|
ON Semiconductor
|
2N5064RLRA 2N5064RLRM 2N5064RLRMG 2N5061RLRM 2N506 |
Thyristor .8A 100V Connector Housing; Series:MicroClasp; No. of Contacts:3; Gender:Female; Body Material:Nylon 6/6; No. of Rows:1; Pitch Spacing:0.079" RoHS Compliant: Yes 0.8 A, 100 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifiers 0.8 A, 100 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifiers 0.8 A, 60 V, SCR, TO-92 Silicon Controlled Rectifier .8A 25V Thyristor .8A 200V Thyristor .8A 50V
|
ONSEMI[ON Semiconductor]
|
MCR100-8G MCR100-4G MCR100-004G |
Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors 0.8 A, 200 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifier; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000
|
On Semiconductor
|
IRKH57-08 IRKH42-04 IRKH42-12S90 IRKL41-12S90 |
86.35 A, 800 V, SCR, TO-240AA Silicon Controlled Rectifier, 62.8 A, 400 V, SCR, TO-240AA Silicon Controlled Rectifier, 62.8 A, 1200 V, SCR, TO-240AA
|
Vishay Semiconductors
|
BYV27-600 BYV27 BYV27-100 BYV27-150 BYV27-200 BYV2 |
Ultra fast low-loss controlled avalanche rectifiers 1.25 A, 300 V, SILICON, RECTIFIER DIODE 1/2" NPT Bracket; Style: Bracket; Applicable Model: LU7 / LHE-A 1.3 A, 100 V, SILICON, RECTIFIER DIODE From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MCK100-6 |
400V Vdrm 0.8A Sensitive Gate Silicon Controlled Rectifier, 1.7@1AV Peak On-State Voltage, 500V/μs Rise of Off-State Voltage Sensitive Gate Silicon Controlled Rectifiers
|
SemiWell Semiconductor
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
|