PART |
Description |
Maker |
2N3421 JANTXV2N3421 JAN2N3421 |
NPN Transistor 3 Amp 125V NPN Silicon Power Transistors JAN JTX JTXV JANS 3 Amp, 125V, NPN Silicon Power Transistors JAN, JTX, JTXV, JANS
|
MICROSEMI[Microsemi Corporation]
|
SDT7401 SDT7411 SDT7402 SDT7403 |
10 AMP SILICON PLANAR NPN POWER TRANSISTORS
|
New Jersey Semi-Conduct...
|
PG2106 PG1001 PG1002 PG1003 PG1004 PG1005 PG1006 P |
2 AMP / NPN-PNP Pirgo silicon planar power transistors
|
List of Unclassifed Manufacturers ETC[ETC]
|
2N4240 |
5 Amp/ 500V/ High Voltage NPN Silicon Power Transistors 5 Amp, 500V, High Voltage NPN Silicon Power Transistors
|
Microsemi Corporation
|
2SC4577 2SA1753 2SC45777 |
PNP/NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amp Applications NPN Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amp Applications TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 500MA I(C) | SOT-23VAR 晶体管|晶体管|叩| 15V的五(巴西)总裁| 500mA的一(c)|的SOT - 23VAR
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] TE Connectivity, Ltd.
|
2SC3779 0379 |
NPN Epitaxial Planar Silicon Transistor UHF Low-Noise Amp, Wide-Band Amp Applications NPN Epitaxial Planar Silicon Transistors From old datasheet system
|
SANYO[Sanyo Semicon Device]
|
2SC1741AS 2SD1484 2SD1484K A5800323 2SC3359S 2SC33 |
50V,0.5A medium power transistor Transistors > Small Signal Bipolar Transistors(up to 0.6W) Medium Power Transistor (50V, 0.5A) From old datasheet system Medium Power Transistor (50V/ 0.5A) SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 300MA I(C) | SPAK TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 500MA I(C) | SPAK SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 50V五(巴西)总裁| 500mA的一(c)| SPAK
|
Rohm
|
2SC1061 2SC1061C |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 50V五(巴西)总裁| 3A条一(c)| TO - 220AB现有 POWER TRANSISTORS(3.0A/50V/25W) POWER TRANSISTORS(3.0A,50V,25W)
|
Mospec Semiconductor, Corp.
|
2SD1468S 2SD1834 2SD1834T100W 2SD1468STPR 2SD1468S |
1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR Transistors > Small Signal Bipolar Transistors(up to 0.6W) Transistors > Medium Power Bipolar Transistors(0.5W-1.0W) BJT Low-Power, Single/Dual-Level Battery Monitors with Hysteresis 晶体
|
ROHM
|
2SC5295 2SC5295S |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay Silicon NPN epitaxial planer type(For 2 GHz band low-noise amplification) L BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR Transistors
|
PANASONIC CORP Panasonic, Corp. Matsshita / Panasonic Panasonic Semiconductor
|
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|