PART |
Description |
Maker |
CMV1030 CMV1030YR CMV1030Y/R |
MICROPOWER PRO OPERATIONAL AMPLIFIER 微功耗运算放大器专业
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
CMV1026YR CMV1026 |
MICROPOWER PRO OPERATIONAL AMPLIFIER WITH SHUTDOWN
|
CALMIRCO[California Micro Devices Corp]
|
ALD1726 ALD1726DA ALD1726E ALD1726EDA ALD1726EPA A |
EPADULTRA MICROPOWER OPERATIONAL AMPLIFIER EPAD⑩超微功率运算放大器 EPAD ULTRA MICROPOWER OPERATIONAL AMPLIFIER EPAD⑩ ULTRA MICROPOWER OPERATIONAL AMPLIFIER
|
Advanced Linear Devices, Inc. ALD[Advanced Linear Devices]
|
ALD1721 ALD1721DA ALD1721E ALD1721EDA ALD1721EPA A |
EPADMICROPOWER OPERATIONAL AMPLIFIER EPAD MICROPOWER OPERATIONAL AMPLIFIER EPAD⑩ MICROPOWER OPERATIONAL AMPLIFIER
|
Advanced Linear Devices, Inc. ALD[Advanced Linear Devices]
|
MCP606-I/P MCP606-I/SN MCP606-I/ST MCP609-I/P MCP6 |
The MCP606 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP609 quad operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... The MCP608 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP607 dual operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... 2.5V TO 5.5V MICROPOWER CMOS OP AMPS
|
Microchip Technology Inc.
|
OP19602 OP296 OP196HRU |
15V; micropower, rail-to-rail input and output operational amplifier. For battery monitoring, sensor conditioners Micropower, Rail-to-Rail Input and Output Operational Amplifiers
|
Analog Devices
|
MAX4091 MAX4091ASA MAX4091AUA MAX4091AUK-T MAX4091 |
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps OP-AMP, 3500 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8 Single/Dual/Quad / Micropower / Single-Supply / Rail-to-Rail Op Amps Single/Dual/Quad Micropower Single-Supply Rail-to-Rail Op Amps "Dual, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp" "Single, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp in SOT23" "Quad, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
PIC16LFR711-20I/SS PIC16FR71-16I/SO PIC16LFR71-16I |
Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Noise, High Speed Precision Operational Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision 5 Volt Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Low Dropout Regulators with Shutdown; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5-LED Main/Sub Display Driver with Dual LDO; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C Fast Settling, JFET Input Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C 微控制器 Microcontroller 微控制器 Precision 5 Volt Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 微控制器 Quad Protected High-Side MOSFET Driver; Package: PDIP; No of Pins: 20; Temperature Range: 0°C to 70°C 微控制器 1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 微控制器 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 微控制器 Precision 5 Volt Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 微控制器
|
外设及接 TDK, Corp. NIC Components, Corp. TE Connectivity, Ltd. Silicon Storage Technology, Inc.
|
LT1077AC LT1077ACH LT1077ACJ8 LT1077ACN8 LT1077AI |
Micropower, Single Supply, Precision Op Amp From old datasheet system Micropower/ Single Supply/ Precision Op Amp Micropower Single Supply Precision Op Amp JT 18C 18#20 SKT PLUG
|
LINER[Linear Technology] Linear Technology Corporation
|
1637FB LT1637 LT1637HS8TR LT1637HS8TRPBF LT1637CDD |
1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 1000 uV OFFSET-MAX, 1.1 MHz BAND WIDTH, PDSO8 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C OP-AMP, 3400 uV OFFSET-MAX, 1.1 MHz BAND WIDTH, PDSO8 From old datasheet system 1.1MHz, 0.4V/s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
|
Linear Technology, Corp.
|