PART |
Description |
Maker |
1N4575 1N4766A 1N4767 1N4768A 1N4576 1N4767A 1N457 |
Low-level temperature-compensated zener reference diode. Max voltage 0.048 V. Low-level temperature-compensated zener reference diode. Max voltage 0.070 V. Low-level temperature-compensated zener reference diode. Max voltage 0.014 V. Low-level temperature-compensated zener reference diode. Max voltage 0.024 V. Low-level temperature-compensated zener reference diode. Max voltage 0.028 V. Low-level temperature-compensated zener reference diode. Max voltage 0.099 V. Low-level temperature-compensated zener reference diode. Max voltage 0.002 V. Low-level temperature-compensated zener reference diode. Max voltage 0.005 V. Low-level temperature-compensated zener reference diode. Max voltage 0.003 V.
|
Motorola
|
JANTXV1N827ATR-2 JANS1N827ATR-2 JANTXV1N827TR-2 JA |
6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH 6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-213AA
|
Microsemi, Corp. Microsemi Corporation
|
MPXM2053GST1 MPXM2053GS MPXM2053 MPXM2053D MPXM205 |
Compensated Pressure Sensor 50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
|
Freescale (Motorola) Freescale Semiconductor, Inc ETC[ETC] 飞思卡尔半导体(中国)有限公司
|
MPXV2010DP MPXV2010GP MPX2010 MPX2010D MPX2010DP M |
Compensated Pressure Sensor 10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
|
Freescale (Motorola) MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
CMKTC825A |
SURFACE MOUNT ULTRAmini TEMPERATURE COMPENSATED SILICON ZENER DIODE announces the release of the CMKTC825A temperature compensated (TC) Zener diode packaged in a space saving ULTRAmini SOT-363 surface mount case.
|
CENTRAL[Central Semiconductor Corp]
|
MPXM2202 MPXM2202A MPXM2202AS MPXM2202AST1 MPXM220 |
200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors(200kPa片内温度补偿和校准硅压力传感 200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 MOTOROLA[Motorola, Inc]
|
1N822 1N822-1 1N822A 1N824 1N824-1 1N824A 1N821-1 |
Bobbins Transformer; Supply Voltage:230V; Power Rating:2.5VA; Mounting Type:PCB Surface; Approval Bodies:cURus; External Depth:1.375"; External Height:0.813"; External Width:1.125"; Frequency:60GHz; Leaded Process Compatible:Yes 6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.55 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH TRANSF 17VAC .34A FLAT PACK PW 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH 0TC Reference Voltage Zener 0TC参考电压稳 Cleaning Compound; Dispensing Method:Spray; For Use With:Static Control Mats and Work Surfaces; Volume:1quart (US) RoHS Compliant: NA 6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
|
Coilcraft, Inc. Microsemi, Corp. TOKO, Inc. MICROSEMI[Microsemi Corporation]
|
1N4772A 1N4770 1N4771A 1N4773 |
9.1V TEMPERATURE COMPENSATED ZENER DIODE
|
Digitron Semiconductors
|