PART |
Description |
Maker |
1N4575 1N4766A 1N4767 1N4768A 1N4576 1N4767A 1N457 |
Low-level temperature-compensated zener reference diode. Max voltage 0.048 V. Low-level temperature-compensated zener reference diode. Max voltage 0.070 V. Low-level temperature-compensated zener reference diode. Max voltage 0.014 V. Low-level temperature-compensated zener reference diode. Max voltage 0.024 V. Low-level temperature-compensated zener reference diode. Max voltage 0.028 V. Low-level temperature-compensated zener reference diode. Max voltage 0.099 V. Low-level temperature-compensated zener reference diode. Max voltage 0.002 V. Low-level temperature-compensated zener reference diode. Max voltage 0.005 V. Low-level temperature-compensated zener reference diode. Max voltage 0.003 V.
|
Motorola
|
1N828-1-1 1N822-2 1N829ATR 1N829ATR-1 1N829ATR-1-1 |
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AA 0TC Reference Voltage Zener 6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH 6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
VTC4-D22E-12M800 VTC4-D23C-12M800 VTC4-D24A-12M800 |
Voltage Controlled Temperature Compensated Crystal Oscillator TCVCXO, CLIPPED SINE OUTPUT, 12.8 MHz Voltage Controlled Temperature Compensated Crystal Oscillator TCXO, CLIPPED SINE OUTPUT, 12.8 MHz Voltage Controlled Temperature Compensated Crystal Oscillator 压控温度补偿晶体振荡
|
Vectron International, Inc.
|
1N822 1N822-1 1N822A 1N824 1N824-1 1N824A 1N821-1 |
Bobbins Transformer; Supply Voltage:230V; Power Rating:2.5VA; Mounting Type:PCB Surface; Approval Bodies:cURus; External Depth:1.375"; External Height:0.813"; External Width:1.125"; Frequency:60GHz; Leaded Process Compatible:Yes 6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.55 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH TRANSF 17VAC .34A FLAT PACK PW 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH 0TC Reference Voltage Zener 0TC参考电压稳 Cleaning Compound; Dispensing Method:Spray; For Use With:Static Control Mats and Work Surfaces; Volume:1quart (US) RoHS Compliant: NA 6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
|
Coilcraft, Inc. Microsemi, Corp. TOKO, Inc. MICROSEMI[Microsemi Corporation]
|
CFPT-5300 |
The CFPT-5300 series of temperature compensated crystal oscillators The CFPT-5300 series of temperature compensated crystal oscillators From old datasheet system
|
SEMTECH[Semtech Corporation]
|
1N4576A-1 |
Temperature Compensated
|
M/A-COM Technology Solu...
|
C2530 |
Temperature Compensated Crystal Oscillators
|
Vectron
|
TO501 TO50113 |
Temperature Compensated Crystal Oscillator
|
Vanlong Technology Co., Ltd.
|
C2269 |
Temperature Compensated Crystal Oscillators
|
Vectron
|
C2260 |
Temperature Compensated Crystal Oscillators
|
Vectron
|
TCXO-700-FFR-156 TCXO-700-FFR-106 TCXO-700-FFK-106 |
Temperature Compensated Crystal Oscillator
|
Vectron International, Inc http://
|