PART |
Description |
Maker |
1N4575 1N4766A 1N4767 1N4768A 1N4576 1N4767A 1N457 |
Low-level temperature-compensated zener reference diode. Max voltage 0.048 V. Low-level temperature-compensated zener reference diode. Max voltage 0.070 V. Low-level temperature-compensated zener reference diode. Max voltage 0.014 V. Low-level temperature-compensated zener reference diode. Max voltage 0.024 V. Low-level temperature-compensated zener reference diode. Max voltage 0.028 V. Low-level temperature-compensated zener reference diode. Max voltage 0.099 V. Low-level temperature-compensated zener reference diode. Max voltage 0.002 V. Low-level temperature-compensated zener reference diode. Max voltage 0.005 V. Low-level temperature-compensated zener reference diode. Max voltage 0.003 V.
|
Motorola
|
1N828-1-1 1N822-2 1N829ATR 1N829ATR-1 1N829ATR-1-1 |
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AA 0TC Reference Voltage Zener 6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH 6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
CDLL935 CDLL936 CDLL936A CDLL937A CDLL937B CDLL938 |
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 温补参考稳压二极管 Temperature Compensated Zener Reference Diodes(温度补偿齐纳基准二极 参考温度补偿齐纳二极管(温度补偿齐纳基准二极管 9 V, SILICON, VOLTAGE REFERENCE DIODE, DO-213AA
|
Compensated Devices Incorporated CDI-DIODE[Compensated Deuices Incorporated] Microsemi, Corp.
|
VTC4-D22E-12M800 VTC4-D23C-12M800 VTC4-D24A-12M800 |
Voltage Controlled Temperature Compensated Crystal Oscillator TCVCXO, CLIPPED SINE OUTPUT, 12.8 MHz Voltage Controlled Temperature Compensated Crystal Oscillator TCXO, CLIPPED SINE OUTPUT, 12.8 MHz Voltage Controlled Temperature Compensated Crystal Oscillator 压控温度补偿晶体振荡
|
Vectron International, Inc.
|
MP3V5050V MP3V5050VC6T1 MP3V5050VC6U |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
Freescale Semiconductor, Inc
|
6662 6661 6663 6664 |
Temperature Compensated Crystal
|
Vectron International, Inc
|
CMT-18-6007 |
Temperature Compensated Amplifier
|
TELEDYNE[Teledyne Technologies Incorporated]
|
1N4570 1N4578 1N4578A 1N4580 1N4580A |
6.4 VOLT TEMPERATURE COMPENSATED 6.4 VOLT TEMPERATURE COMPENSATED
|
Digitron Semiconductors
|
MPXV5050G MPX5050 |
MPX5050 Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated From old datasheet system Integrated Silicon Pressure Sensor On-Chip Signal Conditioned,Temperature Compensated and Calibrated
|
Motorola
|
C2410 |
Temperature Compensated Crystal Oscillators
|
Vectron
|
VT-803-EAH-507A |
Temperature Compensated Crystal Oscillator
|
Vectron International, Inc
|
C2269 |
Temperature Compensated Crystal Oscillators
|
Vectron
|