PART |
Description |
Maker |
MP4208 E007810 |
HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVER, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING From old datasheet system
|
Toshiba
|
2SC3306 E000824 |
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING/ HIGH SPEED DC-DC CONVERTER APPLICATION) From old datasheet system SWITCHING TEGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
Toshiba
|
19007-0032 19005-0001 19005-0015 19007-0029 19007- |
.187X.020 FIQD FLAG EXP. TAPED (BB-2224X 2 mm2, PUSH-ON TERMINAL Female Disconnect Solderless Terminal; Wire Size (AWG):18-22; Tab Width:0.250"; Insulator Color:Pink; Terminal Insulation:Nylon; Gender:Female 0.8 mm2, PUSH-ON TERMINAL .250X.032 FEM.FIQD COUPLER TP (C-2265T) 5 mm2, PUSH-ON TERMINAL CONN .187 FLAG INSUL 14-16AWG 2 mm2, PUSH-ON TERMINAL .250X.032 FIQD FLAG STRIP(AA-2220Z) RoHS Compliant: Yes 0.8 mm2, PUSH-ON TERMINAL CONN .250 FLAG INSUL 18-22AWG 0.8 mm2, PUSH-ON TERMINAL .187X.020 FIQD FLAG (AA-2222) 0.8 mm2, PUSH-ON TERMINAL .187X.032 FIQD FLAG (BB-2225) 2 mm2, PUSH-ON TERMINAL CONN .250 MALE INSUL 14-16AWG 2 mm2, TAB TERMINAL 190070020
|
Molex, Inc. MOLEX INC
|
2SK2723 2SK2723JM |
Nch power MOSFET MP-45F high-speed switching SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
|
NEC[NEC]
|
HAT1055R HAT1055RJ |
Transistors>Switching/MOSFETs Silicon P Channel Power MOS FET High Speed Power Switching
|
Renesas Electronics Corporation
|
MP4403 E002514 |
HIGH POWER, HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING From old datasheet system
|
Toshiba
|
MP4501 |
N CHANNEL MSO TYPE (HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING)
|
TOSHIBA[Toshiba Semiconductor]
|
MP420807 |
High Power High Speed Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
|
Toshiba Semiconductor
|
LTC1697 LTC1697EMS LTC1697EMSPBF |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Low Power 1W CCFL Switching Regulator
|
LINEAR TECHNOLOGY CORP
|
FS70UMJ-2 |
Nch POWER MOSFET HIGH-SPEED SWITCHING USE 70 A, 100 V, 0.017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
2N2222ADCSM |
High Speed Medium Power NPN Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型NPN晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
MP4020 |
Power Transistor Module Silicon NPN Epitaxial Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching.
|
TOSHIBA
|