PART |
Description |
Maker |
RFSP5022 PRFS-P5022-EVL PRFS-P5022-009 PRFS-P5022- |
5.15-5.85 GHz U-NII Power Amplifier 5.15-5.85千兆赫的U - NII功率放大 5.15-5.85 GHz U-NII Power Amplifier 5150 MHz - 5850 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER Single-band power amplifiers The RFS P5022 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 5.15-5.85 GHz ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
AD800904 AD8009ACHIPS AD8009JRT-R2 AD8009JRT-REEL |
1 GHz, 5,500 V/?Low Distortion Amplifier 1 GHz, 5,500 V/µs Low Distortion Amplifier 1 GHz, 5,500 V/Я Low Distortion Amplifier 1 GHz, 5,500 V/ Low Distortion Amplifier 1 GHz, 5,500 V/?/a> Low Distortion Amplifier 1 GHz, 5,500 V/µs Low Distortion Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Commercial 1 CHANNEL, VIDEO AMPLIFIER, PDSO5 1 GHz, 5,500 V/µs Low Distortion Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
Analog Devices, Inc.
|
Q62702-G0041 BGA310 |
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BGA310 |
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
|
Siemens Semiconductor Group
|
AWT6283RM49P8 |
3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
|
ANADIGICS, Inc
|
TLT-8-2014 TLT-8-2013 |
Temperature Compensated Low Noise Amplifier 2 GHz - 8 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|
TLT-13-6016 |
Temperature Compensated Low Noise Amplifier 6 GHz - 13 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|
CPT-18-6036 CPT-18-6025 CPT-18-6026 CPT-18-6035 |
Temperature Compensated Power Amplifier 6 GHz - 18 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|
SST13LP02 SST13LP02-QDF-K SST13LP02-QDF |
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
|
SST[Silicon Storage Technology, Inc]
|
CPT-8-2027 CPT-8-2025 CPT-8-2026 |
Temperature Compensated Power Amplifier 2 GHz - 8 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|