PART |
Description |
Maker |
BC857C BC856A BC857A BC856B BC857B BC858B BC858C B |
PNP SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Hex Buffer/Line Driver with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counter 16-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
BL-B3141P BL-B2141P BL-BX13V1G BL-BXXV1T BL-B2114 |
STANDARD LED LAMPS (ROUND TYPES) 标准LED节能灯(圆形类型 RESISTOR 1/2W 1K 5% 2010 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Transparent Inverting Latches with 3-State Outputs 20-PDIP -55 to 125 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 High Speed CMOS Logic Dual Binary Up-Counters 16-SOIC -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Inverting Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-PDIP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-SOIC -55 to 125 2K OHM 1% 1/2W CHIP RES (2010) High Speed CMOS Logic Octal Bus Transceivers/Registers with 3-State Outputs 24-SOIC -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 YSTONE[Yellow Stone Corp]
|
AT28LV64B-20JI AT28LV64B-25TC AT28LV64B-25PC |
64K 8K x 8 Low Voltage CMOS E2PROM with Page Write and Software Data Protection High Speed CMOS Logic Octal Non-Inverting Buffers and Line Drivers with 3-State Outputs 20-SOIC -55 to 125 8K X 8 EEPROM 3V, 250 ns, PDSO28 High Speed CMOS Logic Octal Inverting Transparent Latches with 3-State Outputs 20-PDIP -55 to 125 8K X 8 EEPROM 3V, 200 ns, PQCC32
|
ATMEL Corporation Atmel, Corp.
|
UPSD3200 UPSD3253A-24T6 UPSD3253A-24T6T UPSD3234A- |
High Speed CMOS Logic 8-Input Multiplexer, 3-State 16-SOIC -55 to 125 闪存可编程系统器件与8032微控制器内核 Two and Three Channel Codewheels 闪存可编程系统器件与8032微控制器内核 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8位微控制器与2/4/8K字节在系统可编程闪存 High Speed CMOS Logic Non-Inverting Octal-Bus Transceiver with 3-State Outpus 20-PDIP -55 to 125 High Speed CMOS Logic Non-Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-SOIC -55 to 125 Panel Mount Optical Encoders Locking Connector Housing Flash Programmable System Device with 8032 Microcontroller Core
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics http://
|
BC846W BC847CW BC849W BC850W BC847BW BC848BW BC848 |
High Speed CMOS Logic Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 SURFACE MOUNT SI-EPITAXIAL PLANARTRANSISTORS
|
Infineon Technologies AG Diotec Semiconductor AG DIOTEC[Diotec Semiconductor]
|
AT28HC64B-12TI AT28HC64B-12TC AT28HC64B-55SC AT28H |
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer with Input Latches 24-SOIC -55 to 125 High Speed CMOS Logic Dual Binary Up-Counters 16-PDIP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-SOIC -55 to 125 High Speed CMOS Logic Dual BCD Up-Counter 16-PDIP -55 to 125 64KK的8高速CMOS E2PROM的同页写入和软件数据保护 High Speed CMOS Logic Dual Binary Up-Counters 16-SOIC -55 to 125 8K X 8 EEPROM 5V, 70 ns, PDSO28 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 8K X 8 EEPROM 5V, 90 ns, PQCC32 64K 8K x 8 Battery-Voltage CMOS E2PROM
|
Atmel Corp. Atmel, Corp.
|
BC846-BC850 Q62702-C1746 Q62702-C1772 Q62702-C1885 |
From old datasheet system NPN Silicon AF Transistors (For AF input stages and driver applications High current gain) High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
BC847C BC847A BC846A BC846B BC847B BC848B BC848C B |
NPN SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Quad D-Type Flip-Flop with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register 14-PDIP -55 to 125 High Speed CMOS Logic Dual 4-Input Multiplexers 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
http:// MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
BC848CLT1 BC850CLT1 BC846ALT1 BC846BLT1 BC847ALT1 |
General Purpose Transistors(NPN Silicon) High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-TSSOP -55 to 125 高速CMOS逻辑3/8线性反同相解码多路解复用器 TSSOP-16封装 工作温度55℃_125 High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer 24-SOIC -55 to 125 高速CMOS逻辑4/16位输出线性解码器/多路解复用器 SOIC-20封装 工作温度55℃_125 High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register 14-SOIC -55 to 125 通用晶体管(NPN硅) High Speed CMOS Logic Triple 3-Input NOR Gates 14-SOIC -55 to 125 高速CMOS逻辑三输入非门 SOIC-14封装 工作温度55℃_125
|
LRC[Leshan Radio Company] Leshan Radio Company, Ltd.
|
BC858W BC857CW BC860W BC856AW BC857BW BC859W BC856 |
Surface mount Si-Epitaxial PlanarTransistors High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 12-Stage Binary Counter 16-SOIC -55 to 125
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG
|
BC857 BC856A BC856B BC858B BC859C BC860 BC859 BC85 |
Surface mount Si-Epitaxial PlanarTransistors 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 High Speed CMOS Logic 12-Stage Binary Counter 16-PDIP -55 to 125 High Speed CMOS Logic Dual 4-Stage Binary Counter 14-PDIP -55 to 125 High Speed CMOS Logic 14-Stage Binary Counter 16-PDIP -55 to 125
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor]
|
BC848CW BC846W-BC850W BC848AW Q62702-C2306 Q62702- |
High Speed CMOS Logic Dual 4-Input AND Gate 14-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Presettable Synchronous 4-Bit Binary Up/Down Counters with Asynchronous Reset 16-PDIP -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Hex D-Type Flip-Flop with Reset 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|