PART |
Description |
Maker |
IS24C32B-2ZLI IS24C32B-2ZLI-TR IS24C32A-2PI IS24C3 |
64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
CAT24FC64GLETE13 |
64K-Bit I2C Serial CMOS EEPROM 64K的位I2C串行CMOS EEPROM
|
Micron Technology, Inc.
|
CAT24WC33PE-1.8TE13B CAT24WC33XA-1.8TE13D CAT24WC3 |
32K/64K-Bit I2C Serial CMOS EEPROM 32K/64K-Bit I2C串行CMOS EEPROM
|
Cypress Semiconductor Corp. TDK, Corp. Panasonic, Corp. Air Cost Control
|
AT24C32AW-10SI-1.8 AT24C64AW-10SI-1.8 AT24C32AW-10 |
2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8) CTV 3C 3#20 PIN WALL RECP The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each ECONOLINE: RSZ/P - 1kVDC 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 VARSITOR 11VRMS 0805 SMD 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ATMEL Corporation Atmel Corp. Atmel, Corp. http://
|
NM24C32 NM24C32FN NM24C32FVM8 NM24C32FLVM8 NM24C32 |
I2C Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 I2C Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FM24C08U_09U FM24C16U_17U FM24C02U FM24C04U_05U FM |
I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 90POS DUAL T/H M1 - M1 CABLE 6 FEET 2K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 2K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
CAT1641 |
Supervisory Circuits with I2C Serial 64K CMOS EEPROM
|
ON Semiconductor
|
IS24C02A-2PLI IS24C08A-2GI-TR IS24C08A-2G-TR IS24C |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC GIANTEC SEMICONDUCTOR INC
|
CAT28LV64GI-20T CAT28LV64GI-15T CAT28LV64GA-20T CA |
DC-DC Converter, 2Watt, Input VDC: 5, Output VDC: 15, Max Output Current(A): 0.133, Package: SIP4, Isolation(VDC): 1000, Operating Temp. -40C to 85C, Low Ripple & Noise, High Efficiency up to 85%, Low Profile Plastic Case, Single Output 64K-Bit CMOS PARALLEL EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 8K X 8 EEPROM 3V, 200 ns, PDIP28 64K-Bit CMOS PARALLEL EEPROM
|
http:// EEPROM Abracon, Corp. Coilcraft, Inc. Vishay Intertechnology, Inc. Vicor, Corp. Catalyst Semiconductor
|
NM24C02 NM24C03 NM24C02EN NM24C02FEM8 NM24C02FEMT8 |
I2C Serial EEPROM 2K X 1 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 2K X 1 I2C/2-WIRE SERIAL EEPROM, PDSO8 2K-Bit Standard 2-Wire Bus
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CAT24WC66_06 CAT24WC66 CAT24WC6633L-1.8-GT2C CAT24 |
64K-bit I2C Serial EEPROM with Partial Array Write Protection
|
http:// CATALYST[Catalyst Semiconductor]
|
CAT24AC128KE-1.8TE13 CAT24AC128UE-1.8TE13 CAT24AC1 |
16K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
|
Catalyst Semiconductor http://
|