PART |
Description |
Maker |
C8051F126 |
50 MIPS, 128 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
AT90S2313 |
2-Kbyte In-System programmable Flash Program Memory, 160 byte SRAM, 128 Byte EEPROM, Up to 10 MIPS throughput at 10 Mhz. 8-bit Microcontroller with 2K Bytes of In-System
Programmable Flash
|
ATMEL
|
C8051F133 |
100 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
C8051F064 |
25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
C8051F040 C8051F040-GQ |
25 MIPS, 64 kB Flash, 12-Bit ADC, 100-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
C8051F351 |
50 MIPS, 8 kB Flash, 24-Bit ADC, 28-Pin Mixed-Signal MCU 8-BIT, FLASH, 50 MHz, MICROCONTROLLER, QCC28
|
Silicon Laboratories, Inc.
|
C8051F015 C8051F015-GQ |
8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
|
Silicon Laboratories
|
AM29F200A-1 AM29F200AB-120DGC AM29F200AB-120DGC1 A |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash MemoryDie Revision 1 PCB COPPER CLAD 6X9 1/32 2-SIDE DIN Audio Connector; Number of Contacts:5; Contact Termination:Solder; Mounting Type:Panel; Gender:Receptacle; Contact Plating:Silver; Series:C091A 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 256K X 8 FLASH 5V PROM, 90 ns, UUC42 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 M39012 MIL RF CONNECTOR 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
S29PL127N65GAWW02 S29PL127N65GAW003 S29PL127N65GAI |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 8M X 16 FLASH 3V PROM, 65 ns, PBGA64 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 256/128/128字节6/8/8 M中的x 16位).0伏的CMOS只同步读/写,页模式闪 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 8M X 16 FLASH 3V PROM, 70 ns, PBGA64 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 16M X 16 FLASH 3V PROM, 70 ns, PBGA84 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 16M X 16 FLASH 3V PROM, 65 ns, PBGA84
|
Spansion, Inc. Spansion Inc. SPANSION LLC
|
AM29LV128MH93RFI |
128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 8M X 16 FLASH 3V PROM, 90 ns, PDSO56
|
Advanced Micro Devices, Inc.
|
C8051F531A C8051F531A-IM C8051F531A-IT |
25 MIPS, 8 kB Flash, 12-Bit ADC, 20-Pin Automotive MCU
|
Silicon Laboratories
|
|