PART |
Description |
Maker |
C62122-A132-B95 B84115-E-A110 B84115-E-A30 B84115- |
SIFI-E for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
|
EPCOS AG EPCOS[EPCOS]
|
B84113-C-L60 B84113-C-A110 B84113-C-A30 B84113-C-A |
SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
|
EPCOS[EPCOS]
|
B84112B0000P030 B84112B B84112B0000A010 B84112B000 |
EMC filters 2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A
|
EPCOS[EPCOS]
|
MPAT-05840643-4015 MPAT-06400720-4015 MPAT-0750085 |
5845 MHz - 6430 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 6400 MHz - 7200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7500 MHz - 8500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.8 dB INSERTION LOSS-MAX 10700 MHz - 12500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7250 MHz - 7750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 12750 MHz - 13250 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 1500 MHz - 1800 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 950 MHz - 1750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.2 dB INSERTION LOSS-MAX 1275 MHz - 1480 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX
|
MITEQ, Inc.
|
MPAT-02000220-3706 MPAT-10701250-6020 MPAT-0750085 |
2000 MHz - 2200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.7 dB INSERTION LOSS-MAX 10700 MHz - 12500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7500 MHz - 8500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.8 dB INSERTION LOSS-MAX 7900 MHz - 8400 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7250 MHz - 7750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 2100 MHz - 2700 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.5 dB INSERTION LOSS-MAX 17700 MHz - 20200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 12750 MHz - 13250 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 5845 MHz - 6430 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX
|
MITEQ, Inc.
|
P2-10-108 P2-08-301 P2-03-108 P2-06-301 P2-05-301 |
10 MHz - 1000 MHz RF/MICROWAVE SPLITTER, 0.8 dB INSERTION LOSS 100 MHz - 500 MHz RF/MICROWAVE SPLITTER, 0.5 dB INSERTION LOSS 0.5 MHz - 100 MHz RF/MICROWAVE SPLITTER, 0.5 dB INSERTION LOSS 1 MHz - 500 MHz RF/MICROWAVE SPLITTER, 0.8 dB INSERTION LOSS 0.1 MHz - 450 MHz RF/MICROWAVE SPLITTER, 0.8 dB INSERTION LOSS 200 MHz - 2000 MHz RF/MICROWAVE SPLITTER, 1.4 dB INSERTION LOSS 5 MHz - 2000 MHz RF/MICROWAVE SPLITTER, 1.8 dB INSERTION LOSS 5 MHz - 500 MHz RF/MICROWAVE SPLITTER, 0.7 dB INSERTION LOSS 5 MHz - 1500 MHz RF/MICROWAVE SPLITTER, 1.4 dB INSERTION LOSS 0.3 MHz - 60 MHz RF/MICROWAVE SPLITTER, 0.5 dB INSERTION LOSS 5 MHz - 1000 MHz RF/MICROWAVE SPLITTER, 1 dB INSERTION LOSS
|
Nihon Dempa Kogyo Co., Ltd. Caddock Electronics, Inc. LEDtronics, Inc. WIMA
|
S547A-M-1 S547A-D-F-0 S547A-D-M-2 S547A-N-M-0 S547 |
4000 MHz - 12000 MHz RF/MICROWAVE SGL POLE FIVE THROW SWITCH, 2.6 dB INSERTION LOSS 2000 MHz - 18000 MHz RF/MICROWAVE SGL POLE FIVE THROW SWITCH, 3.6 dB INSERTION LOSS 2000 MHz - 18000 MHz RF/MICROWAVE SGL POLE FIVE THROW SWITCH, 3.2 dB INSERTION LOSS 500 MHz - 2000 MHz RF/MICROWAVE SGL POLE FIVE THROW SWITCH, 1.8 dB INSERTION LOSS 200 MHz - 2000 MHz RF/MICROWAVE SGL POLE FIVE THROW SWITCH, 1.5 dB INSERTION LOSS 2000 MHz - 8000 MHz RF/MICROWAVE SGL POLE FIVE THROW SWITCH, 2.1 dB INSERTION LOSS 2000 MHz - 18000 MHz RF/MICROWAVE SGL POLE FIVE THROW SWITCH, 3.3 dB INSERTION LOSS
|
MITEQ INC
|
DBTC-6-4-75 DBTC-75OHMSSERIES DBTC-10-4-75 DBTC-13 |
Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15 Surface Mount Directional Couplers 表面贴装定向耦合 Surface Mount Directional Couplers 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 3.1 dB INSERTION LOSS-MAX
|
http:// MINI[Mini-Circuits]
|
ZL-1919-15 |
The ZL-1919-15 is a 3Ph, Y filter developed to provide high frequency insertion loss for the emission
|
JMK Inc.
|
S447A-N-M-0 S447A-F-1 S447A-N-M-2 S447A-F-0 S447A- |
500 MHz - 2000 MHz RF/MICROWAVE SGL POLE FOUR THROW SWITCH, 1.6 dB INSERTION LOSS 2000 MHz - 8000 MHz RF/MICROWAVE SGL POLE FOUR THROW SWITCH, 2 dB INSERTION LOSS 4000 MHz - 12000 MHz RF/MICROWAVE SGL POLE FOUR THROW SWITCH, 2.4 dB INSERTION LOSS
|
MITEQ INC MITEQ, Inc.
|