PART |
Description |
Maker |
BSP50BSP52 BSP51 Q62702-P1165 BSP50 BSP50BBSP52 BS |
NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage) From old datasheet system RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 10 Watts
|
Siemens Semiconductor G... Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG SIEMENS A G
|
PZ8GG-1515ZH30 PZ8GG-0505ZH30 PZ8GG-0512ZH30 PZ8GG |
Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:15V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 Input voltage:12V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2EM P8SG-0505EM P8SG-1205EM P8SG-1212EM P |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P6CG244R8ZS P6CG0503ZS P6CG0505ZS P6CG054R8ZS P6CG |
Input voltage:12V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output P6CG-XXXXZS 1KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT SIP7 P6CG - XXXXZS 1KV交隔0,6 - 1瓦稳压双输出SIP7劈裂
|
PEAK[PEAK electronics GmbH]
|
P20P-T |
LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
|
XP Power Limited
|
P6CG-124R8E P6CG-054R8E P6CG-244R8E P6CG-0512E P6C |
Input voltage:12V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 3.3V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 3V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output
|
PEAK electronics
|
SP4405EN |
Low Voltage Electroluminescent Lamp Driver with Regulated Output Voltage 低电压电致发光灯驱动器,输出电压
|
Rochester Electronics, LLC
|
BY255 BY251 BY252 BY253 BY254 |
RP40 (G) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 15V; 2:1 Wide PLASTIC SILICON RECTIFIERS 塑料硅整
|
Honey Technology SEMTECH[Semtech Corporation] Semtech, Corp.
|
LTC1550LCGN LTC1550LCMS8-2 LTC1550LCMS8-2.5 LTC155 |
Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C SWITCHED CAPACITOR REGULATOR, 900 kHz SWITCHING FREQ-MAX, PDSO8 Low Noise, Switched Capacitor Regulated Voltage Inverters SWITCHED CAPACITOR REGULATOR, 900 kHz SWITCHING FREQ-MAX, PDSO8 Low Noise/ Switched Capacitor Regulated Voltage Inverters
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
P6DG054R8ZS P6DG124R8ZS P6DG0503ZS P6DG0505ZS P6DG |
Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:12V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3/3V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 5/5V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3.3/3.3V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:12V, output voltage 3/3V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:12V, output voltage 5/5V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:12V, output voltage 3.3/3.3V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 3/3V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 5/5V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 3.3/3.3V (100/100mA), 1KV isolated 0.6-1W regulated dual split output
|
PEAK electronics
|
CD410830 |
Dual Diode POW-R-BLOK?Modules 30 Amperes/800 Volts Dual Diode POW-R-BLOK⑩ Modules 30 Amperes/800 Volts Dual Diode POW-R-BLOK Modules 30 Amperes/800 Volts TV 6C 6#8(COAX) SKT PLUG
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|