PART |
Description |
Maker |
CA56-21GWA CA56-21 CC56-21 CC56-21EWA CA56-21YWA C |
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes PC Board Connector; No. of Contacts:40; Pitch Spacing:0.05"; Mounting Type:PCB Right Angle Thru Hole; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 14.2MM 4位数的显示展 D Subminiature Connector; Gender:Female; Number of Contacts:36; Contact Termination:PC Board; Body Material:Steel; Contact Plating:Gold Over Nickel; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 14.2MM FOUR DIGIT NUMERIC DISPLAYS
|
Electronic Theatre Controls, Inc. ETC Kingbright Electronic
|
MAX8901A MAX8901B MAX8901BETA MAX8901AETA |
Highest Efficiency Supply for 2 to 6 Series WLEDs in a 2mm x 2mm TDFN Package 最高效率的供应2个WLED系列中采mm x 2mm TDFN封装
|
Maxim Integrated Products, Inc.
|
EH3500ETTS-4.000M |
OSCILLATORS 100PPM -40 85 5.0V 4 4.000MHZ TS CMOS 5.0X3.2MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 4 MHz, CMOS OUTPUT
|
Ecliptek, Corp.
|
EH3500TS-10.700M |
OSCILLATORS 100PPM 0 70 5.0V 4 10.700MHZ TS CMOS 5.0X3.2MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 10.7 MHz, CMOS OUTPUT
|
Ecliptek, Corp.
|
EH3500TS-19.440M |
OSCILLATORS 100PPM 0 70 5.0V 4 19.440MHZ TS CMOS 5.0X3.2MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 19.44 MHz, CMOS OUTPUT
|
Ecliptek, Corp.
|
EH3500ETTTS-54.000M |
OSCILLATORS 100PPM -40 85 5.0V 4 54.000MHZ TS CMOS 5.0X3.2MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 54 MHz, CMOS OUTPUT
|
Ecliptek, Corp.
|
EH3500ETTTS-27.000M |
OSCILLATORS 100PPM -40 85 5.0V 4 27.000MHZ TS CMOS 5.0X3.2MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 27 MHz, CMOS OUTPUT
|
Ecliptek, Corp.
|
EH3500ETTS-33.000M |
OSCILLATORS 100PPM -40 85 5.0V 4 33.000MHZ TS CMOS 5.0X3.2MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 33 MHz, CMOS OUTPUT
|
Ecliptek, Corp.
|
EH3500ETTS-2.048M |
OSCILLATORS 100PPM -40 85 5.0V 4 2.048MHZ TS CMOS 5.0X3.2MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 2.048 MHz, CMOS OUTPUT
|
Ecliptek, Corp.
|
5100141-1 |
2mm Hard Metric PCB Mount Connectors ( Z-PACK 2mm HM ); 2MM H.M. TYPE "B" PIN ASSY. ( AMP )
|
Tyco Electronics
|
KC5032C-C3 |
CMOS/ 3.3V/ 5.0× 3.2mm
|
Kyocera Kinseki Corpotation
|
KC5032C-C5 |
CMOS/ 5.0V/ 5.0×3.2mm
|
Kyocera Kinseki Corpotation
|