PART |
Description |
Maker |
BUZ902DP BUZ903DP |
N-channel power MOSFET. Power MOSFETs for audio applications. Drain - source voltage 220V. N-Channel Power MOSFET For Audio Application(N沟道功率型MOS场效应管(用于音频电路)) N-channel power MOSFET. Power MOSFETs for audio applications. Drain - source voltage 250V.
|
Magnatec
|
BUZ900P BUZ901P |
N-channel power MOSFET. Power MOSFETs for audio applications. Drain - source voltage 160V. N-channel power MOSFET. Power MOSFETs for audio applications. Drain - source voltage 200V. N-Channel Power MOSFET For Audio Application(N沟道功率型MOS场效应管(用于音频电路)) N?CHANNEL POWER MOSFET
|
Magnatec Seme LAB
|
BUZ902D BUZ903D |
N-channel power MOSFET. Power MOSFETs for audio applications. Drain - source voltage 220V. N-channel power MOSFET. Power MOSFETs for audio applications. Drain - source voltage 250V.
|
Magnatec
|
IXFK27N80 IXFK25N80 IXFN27N80 IXFN25N80 |
CAP,Polypropylene,60uF,10-% Tol,10 % Tol HiPerFETTM Power MOSFETs MOSFET with FAST Intrinsic Diode Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS[IXYS Corporation]
|
IXFR44N60 |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFETTM Power MOSFETs ISOPLUS247
|
IXYS[IXYS Corporation]
|
IXFR100N25 |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFETs ISOPLUS247 From old datasheet system
|
IXYS[IXYS Corporation]
|
IXFN60N60 |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFETs Single Die MOSFET
|
IXYS[IXYS Corporation]
|
FMM75-01F |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFETTM Power MOSFET Phaseleg Topology in ISOPLUS i4-PACTM From old datasheet system
|
IXYS[IXYS Corporation]
|
IXFH4N100 IXFT4N100 IXFH4N100Q IXFT4N100Q |
N-Channel Enhancement Mode HiPerFET Power MOSFET(最大漏源击穿电000V,导通电.0Ω的N沟道增强型HiPerFET功率MOSFET) 4 A, 1000 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD TRANSISTOR | MOSFET | N-CHANNEL | 1KV V(BR)DSS | 4A I(D) | TO-247AD HiPerFET Power MOSFETs Q-Class Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
TA8264AH |
Max Power 41 W BTL 4 ch Audio Power IC 最大功1糯桥接通道音频功率IC Max Power 41 W BTL x 4 ch Audio Power IC From old datasheet system IC,AUDIO AMPLIFIER,QUAD,BIPOLAR,ZIP,25PIN,PLASTIC
|
Toshiba, Corp. Toshiba Semiconductor
|
IXFT66N20Q IXFH66N20Q |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFETs Q-Class 66 A, 200 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD HiPerFET Power MOSFETs Q-Class 66 A, 200 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268AA
|
IXYS[IXYS Corporation] IXYS, Corp.
|
IXFH9N80 IXFH8N80 |
HiPerFET Power MOSFETs - N-Channel Enhancement Mode High dv/dt, Low trr, HDMOSTM Family N-Channel Enhancement Mode HiPerFET Power MOSFET(最大漏源击穿电00V,导通电.1Ω的N沟道增强B>HiPerFET功率MOSFET) Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS[IXYS Corporation]
|