PART |
Description |
Maker |
AM29SL800CT150WBC AM29SL800CB120EI AM29SL800CB120E |
CAP 150UF 6.3V 20% TANT SMD-7343-30 TR-7 Quad 2-Input NOR Gates 14-SOIC -55 to 125 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 IC LOGIC 1G79 SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP -40 85C SOT-23-5 3000/REEL 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 16-Bit Buffer/Line Driver, OE Active Low
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
MX29LA320MTXBC-90G MX29LA321MTXCC-70R MX29LA320MBX |
32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY 2M X 16 FLASH 3V PROM, 90 ns, PBGA48
|
Macronix International Co., Ltd. http://
|
MX29GL033MTTC-70G MX29GL033MBMC-90G MX29GL033MBMI- |
128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 8M X 16 FLASH 3V PROM, 90 ns, PDSO56
|
Macronix International Co., Ltd. http://
|
MX28F640C3BTTC-12 MX28F640C3BBTI-12 MX28F640C3BBTC |
64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 16 FLASH 3V PROM, 120 ns, PDSO48 64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 16 FLASH 3V PROM, 90 ns, PDSO48
|
Macronix International Co., Ltd.
|
ST72104G1B6/XXX ST72215G2B7/XXX ST72254G1B6/XXX ST |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
|
STMicroelectronics 意法半导 http://
|
29LV800BT-70 29LV800BB-70 29LV800BB-90 29LV800BT-9 |
8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 512K X 16 FLASH 3V PROM, 70 ns, PBGA48
|
Macronix International Co., Ltd.
|
ST7LITE49M ST7FLI49MK1B6 ST7FLI49MK1T6 |
8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and IC interface
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72124J2B ST72124J2B1_XXX ST72124J2B3_XXX ST72124 |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72314N4 ST72C314N4 ST72C314N4B6 ST72314J4 ST7233 |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
|
ST Microelectronics
|
ST7FLI49MK1B6 ST7FLI49MK1T6 ST7LITE49M |
8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I2C interface
|
STMicroelectronics
|
ST72104GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|