PART |
Description |
Maker |
MJW2119310 MJW21194G |
16 A COMPLEMENTARY SILICON POWER TRANSISTORS 250 V, 200 W 16 A, 250 V, NPN, Si, POWER TRANSISTOR, TO-247
|
ON Semiconductor
|
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|
SDT96305 |
NPN SILICON POWER TRANSISTOR 50 A, 250 V, NPN, Si, POWER TRANSISTOR, TO-204AA
|
TT electronics Semelab, Ltd. Seme LAB
|
BUT33 |
56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
|
Motorola, Inc
|
BUT34 |
50 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 850 VOLTS 250 WATTS
|
Motorola Inc Motorola, Inc.
|
TIP49 TIP50 TIP47 TIP48 |
POWER TRANSISTORS(1.0A250-400V40W) POWER TRANSISTORS(1.0A/250-400V/40W) POWER TRANSISTORS(1.0A,250-400V,40W) 功率晶体管(安培,250 -00V,功0W
|
MOSPEC[Mospec Semiconductor] Mospec Semiconductor, Corp.
|
BFG591 BFG591/T1 |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) NPN 7 GHz wideband transistor
|
Philips
|
MJ15024 MJ15022 ON1983 |
16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS From old datasheet system
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
BCX56 BCX56135 |
80 V, 1 A NPN medium power transistors - fT min: 130 MHz; hFE max: 250 ; hFE min: 40 ; I<sub>C</sub> max: 1000 mA; Polarity: NPN ; Ptot max: 1300 mW; VCEO max: 80 V; Package: SOT89 (MPT3; UPAK); Container: Tape reel smd
|
NXP SEMICONDUCTORS Philips
|
2N2760 2N2761 2N2822 |
30 A, 200 V, NPN, Si, POWER TRANSISTOR, TO-63 30 A, 250 V, NPN, Si, POWER TRANSISTOR, TO-63 25 A, 200 V, NPN, Si, POWER TRANSISTOR, TO-63
|
|
STPS5L25B-TR STPS5L25 |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) LOW DROP POWER SCHOTTKY RECTIFIER
|
STMicroelectronics ST Microelectronics
|