PART |
Description |
Maker |
BU4SU69 |
Standard Logic LSIs > CMOS logic BU4S Series Single inverter
|
Rohm CO.,LTD.
|
BU4066BC/BCF/BCFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4001B BU4001BF A5800601 BU4001B/BF |
Quad 2-input NOR gate From old datasheet system Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM[Rohm]
|
MN13822-RTW MN13822-RTA MN13822-RTX MN1380 MN13801 |
CAP .012UF 50V POLYESTER T/B CAP .00068UF 100V POLY B SERIES 的CMOS大规模集成电路的电压检 CMOS LSIs for Voltage Detection SPECIALTY MICROPROCESSOR CIRCUIT, PSIP3 CMOS LSIs for Voltage Detection 的CMOS大规模集成电路的电压检 (MN138x) CMOS LSIs for Voltage Detection
|
Panasonic, Corp. Panasonic Semiconductor Panasonic Corporation
|
BL-B4131N BL-B4541N BL-B4541Q BL-B3141Q BL-B2141Q |
High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 0R00 2010 100PPM IMAX=3A RMAX=0.02 5% SMD RESISTOR High Speed CMOS Logic Octal Inverting Buffers and Line Drivers with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SOIC -55 to 125 STANDARD LED LAMPS Yellow, standard LED lamp (round type) Orange, standard LED lamp (round type) Hi-eff red, standard LED lamp (round type) Bright red, standard LED lamp (round type) Hi-eff green, standard LED lamp (round type)
|
早安股份有限公司 ETC[ETC] YSTONE[Yellow Stone Corp]
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
HD74LV2GT157A HD74LV2GT157AUSE |
2-channle Multiplexer / CMOS Logic Level Shifter Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A
|
Renesas Electronics Corporation
|
HD74LV2GT14A HD74LV2GT14AUSE |
Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A Triple Inverters with Schmitt-trigger Inputs / CMOS Logic Level Shifter
|
Renesas Electronics Corporation
|
HD74LV2GT241A HD74LV2GT241AUSE |
Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A Dual Bus Buffer Noninverted with 3-state Output / CMOS Logic Level Shifter
|
Renesas Electronics Corporation
|
HD74LV2GT125A HD74LV2GT125AUSE RENESASTECHNOLOGYCO |
Dual Bus Buffer with 3-state Output / CMOS Logic Level Shifter Dual Bus Buffer with 3?state Output / CMOS Logic Level Shifter Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A
|
RENESAS[Renesas Electronics Corporation]
|
BA10339/F/FV |
Standard Linear LSIs > Comparator
|
ROHM
|