PART |
Description |
Maker |
BS616UV2021DC BS616UV2021 BS616UV2021AC BS616UV202 |
10ns ultra low power/voltage CMOS SRAM 128K x 16 or 256K x 8bit switchable Ultra Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable Hex Buffer/Driver With Open-Drain Outputs 14-TSSOP -40 to 85
|
BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
GLT6100L08LL-55TC GLT6100L08LL-70TC GLT6100L08LL-8 |
55ns; Ultra low power 64K x 16 CMOS SRAM 70ns; Ultra low power 64K x 16 CMOS SRAM 85ns; Ultra low power 64K x 16 CMOS SRAM 100ns; Ultra low power 64K x 16 CMOS SRAM
|
G-LINK Technology
|
GLT6100L08LL-100ST GLT6100L08LL-100TS GLT6100L08LL |
100ns; Ultra low power 128k x 8 CMOS SRAM 55ns; Ultra low power 128k x 8 CMOS SRAM 70ns; Ultra low power 128k x 8 CMOS SRAM 85ns; Ultra low power 128k x 8 CMOS SRAM
|
G-LINK Technology
|
IS62WV1288BLL-45HI IS62WV1288BLL-45TI IS62WV1288BL |
128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
IS62WV10248BLL-70BI IS62WV10248BLL-55BLI IS62WV102 |
1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution, Inc
|
IS62WV2568BLL-55BLI IS62WV2568ALL-70BI IS62WV2568B |
256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 256K X 8 STANDARD SRAM, 70 ns, PBGA36 256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 256K X 8 STANDARD SRAM, 70 ns, PDSO32
|
Integrated Silicon Solution, Inc.
|
MAX6335US20D3-T MAX6336US20D3-T MAX6337US20D3-T MA |
4-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits with Manual Reset Ultra-low-voltage, low-power microprocessor circuit with manual reset (reset output active-high, push/pull . Reset threshold(typ) 1.6V, reset timeout(min) 20ms. 4-Pin, Ultra-Low-Voltage, Low-Power P Reset Circuits with Manual Reset 4-Pin / Ultra-Low-Voltage / Low-Power P Reset Circuits with Manual Reset 4-Pin, Ultra-Low-Voltage, Low-Power レP Reset Circuits with Manual Reset 4引脚,超低电压,低功耗与手动复位レP复位电路 2.5-W Mono Class-D Audio Amplifier with Variable Gain (TPA2010) 9-DSBGA -40 to 85 4引脚,超低电压,低功耗与手动复位レP复位电路 Ultra-low-voltage, low-power microprocessor circuit with manual reset (reset output active-high, push/pull . Reset threshold(typ) 1.6V, reset timeout(min) 1ms.
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
BS62UV4000STI BS62UV4000 BS62UV4000EC BS62UV4000EI |
Ultra Low Power/Voltage CMOS SRAM 512K X 8 bit
|
BSI[Brilliance Semiconductor]
|
BS616UV4020 BS616UV4020BC BS616UV4020BI BS616UV402 |
Ultra Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
|
BSI[Brilliance Semiconductor]
|
BS616UV1010CI |
150ns 15-10mA 1.8-2.6V ultra low power/voltage CMOS SRAM 64K x 16bit
|
Brilliance Semiconductor
|